Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 469 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 469 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 465Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 466Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 467Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 468Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 469Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 470Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 471Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 472Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 473Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 662 page
background image
JTAG Port Architecture
JTAG Port, Rev. 4
Freescale Semiconductor
17-7
The 5685x includes four public instructions:
1. CLAMP
2. HIGHZ
3. IDCODE
4. TLM_SELECT
The eight bits B[7:0] of the IR, decode the nine instructions, illustrated in Figure 17-2 and its
data provided in Table 17-2. All other encodings are reserved.
Figure 17-2. JTAGIR Register
CAUTION
Reserved JTAG instruction encodings should
not be used. Hazardous operation of the chip
could occur if these instructions are used.
Table 17-2. Master TAP Instructions Opcode
Instruction
Target Register
Opcode
EXTEST
Boundary
00000000
BYPASS
Bypass
11111111
SAMPLE_PRELOAD
Boundary
00000001
IDCODE
IDCode
00000010
TLM_SEL
TLM
00000101
HIGHZ
Bypass
00000110
CLAMP
Bypass
00000111
Reserved
Reserved
00000011
Reserved
Reserved
00000100
Reserved
Reserved
00001000
IR
7
6
5
4
3
2
1
0‘
Read/Write
B7
B6
B5
B4
B3
B2
B1
B0
Reset
000
0001
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com