Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 473 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 473 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 469Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 470Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 471Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 472Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 473Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 474Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 475Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 476Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 477Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 662 page
background image
JTAG Boundary Scan Register (BSR)
JTAG Port, Rev. 4
Freescale Semiconductor
17-11
17.6 Bypass Register (BYPASS)
The JTAG bypass register is a one-bit register used to provide a simple, direct path from the TDI
pin to the TDO pin. This is useful in boundary scan applications where many chips are serially
connected in a daisy-chain. Individual DSCs, or other devices, can be programmed with the
BYPASS instruction so individually they become pass-through devices during testing. This
allows testing of a specific chip, while still having all of the chips connected through the JTAG
ports.
Figure 17-5. JTAG Bypass Register (JTAGBR)
17.7 JTAG Boundary Scan Register (BSR)
The JTAG Boundary Scan Register (BSR) is configured as described in Figure 17-6. This
register is enabled via the JTAG Master TAP by issuing the EXTEST, or SAMPLE_PRELOAD
instructions enabling the boundary scan registers between TDI and TDO. Boundary Scan
Register cell number one is connected to TDO making it the first data bit shifted into TDI. It is
the first bit shifted out of TDO when loading and unloading the boundary scan chain. For the
most current BSDL files, please refer to www.freescale.com. Figure 17-6 illustrates the register,
while Table 17-5 provides the contents of the BSR for the 5685x.
Figure 17-6. Boundary Scan Register (BSR)
Table 17-4. Device ID Register Bit Assignment
Bit No.
Code Use
56853/854/855/857/858 Values
31–28
Version Number
0000 (For initial version only—these bits may vary)
27–22
Design Center ID
00 0111
21–12
Family and part ID
11 0101 1010
11-1
Manufacturer ID
000 0000 1110
0
IEEE Requirement
Always 1
IR = $0, $1, $3
337
336
335
334
333
Bits 332 through 5
4321
0
Read-Only
IR = $6, $7, $FF
Read/Write
Reset
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com