Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 477 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 477 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 473Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 474Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 475Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 476Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 477Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 478Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 479Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 480Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 481Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 662 page
background image
JTAG Boundary Scan Register (BSR)
JTAG Port, Rev. 4
Freescale Semiconductor
17-15
109
A15
Input/Output
BC_7
60
60
48
—
66
K9
110
Pull-up
BC_1
111
Control
BC_2
112
RXD0
Input/Output
BC_7
65
65
51
51
73
L10
113
Pull-up
BC_1
114
Control
BC_2
115
TXD0
Input/Output
BC_7
66
66
52
52
74
L11
116
Pull-up
BC_1
117
Control
BC_2
118
A16
Input/Output
BC_7
67
67
53
—
75
K10
119
Pull-up
BC_1
120
Control
BC_2
121
A17
Input/Output
BC_7
68
68
54
—
76
K11
122
Pull-up
BC_1
123
Control
BC_2
124
A18
Input/Output
BC_7
69
69
55
—
77
J9
125
Pull-up
BC_1
126
Control
BC_2
127
A19
Input/Output
BC_7
70
70
56
—
78
J10
128
Pull-up
BC_1
129
Control
BC_2
130
A20
Input/Output
BC_7
71
71
57
—
79
J11
131
Pull-up
BC_1
132
Control
BC_2
133
D0
Input/Output
BC_7
73
73
59
—
81
H7
134
Pull-up
BC_1
135
Control
BC_2
136
CS0
Input/Output
BC_7
75
75
61
55
83
H8
137
Pull-up
BC_1
138
Control
BC_2
139
CS1
Input/Output
BC_7
76
76
62
56
84
H9
140
Pull-up
BC_1
141
Control
BC_2
142
CS2
Input/Output
BC_7
77
77
63
57
85
H11
143
Pull-up
BC_1
144
Control
BC_2
Table 17-5. BSR Contents for 5685x (Continued)
Bit
Number
Pin/Bit
Name
Pin Type
BSR Cell
853 Pin
Number
(128 LQFP
Package)
854 Pin
Number
(128 LQFP
Package)
855 Pin
Number
(100 LQFP
Package)
857 Pin
Number
(100 LQFP
Package)
858 Pin
Number
(144 LQFP
Package)
858 Pin
Number
(144
MAPBGA
Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com