Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 475 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 475 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 471Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 472Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 473Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 474Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 475Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 476Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 477Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 478Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 479Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 662 page
background image
JTAG Boundary Scan Register (BSR)
JTAG Port, Rev. 4
Freescale Semiconductor
17-13
36
MODC
Input/Output
BC_7
17
17
13
12
19
F2
37
Pull-up
BC_1
38
Control
BC_2
39
*
Internal
BC_1
—
—
—
—
—
—
40
IRQA
Input
BC_1
20
20
16
15
22
G2
41
Pull-up
BC_1
42
IRQB
Input
BC_1
21
21
17
16
23
F5
43
Pull-up
BC_1
44
A4
Input/Output
BC_7
26
26
22
—
29
J2
45
Pull-up
BC_1
46
Control
BC_2
47
A5
Input/Output
BC_7
27
27
23
—
30
H3
48
Pull-up
BC_1
49
Control
BC_2
50
A6
Input/Output
BC_7
28
28
24
—
31
G4
51
Pull-up
BC_1
52
Control
BC_2
53
A7
Input/Output
BC_7
29
29
25
—
32
H4
54
Pull-up
BC_1
55
Control
BC_2
56
HD0
Input/Output
BC_7
30
30
—
22
33
J3
57
Pull-up
BC_1
58
Control
BC_2
59
HD1
Input/Output
BC_7
31
31
—
23
34
K2
60
Pull-up
BC_1
61
Control
BC_2
62
HD2
Input/Output
BC_7
32
32
—
2435L2
63
Pull-up
BC_1
64
Control
BC_2
65
CLKO
Output
BC_1
33
33
26
26
37
L3
66
Control
BC_1
67
RSTO
Output
BC_1
34
34
27
27
38
K3
68
Control
BC_1
69
HD3
Input/Output
BC_7
36
36
—
29
40
J4
70
Pull-up
BC_1
71
Control
BC_2
Table 17-5. BSR Contents for 5685x (Continued)
Bit
Number
Pin/Bit
Name
Pin Type
BSR Cell
853 Pin
Number
(128 LQFP
Package)
854 Pin
Number
(128 LQFP
Package)
855 Pin
Number
(100 LQFP
Package)
857 Pin
Number
(100 LQFP
Package)
858 Pin
Number
(144 LQFP
Package)
858 Pin
Number
(144
MAPBGA
Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com