Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 479 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 479 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 475Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 476Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 477Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 478Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 479Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 480Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 481Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 482Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 483Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 662 page
background image
JTAG Boundary Scan Register (BSR)
JTAG Port, Rev. 4
Freescale Semiconductor
17-17
181
SCK1
Input/Output
BC_7
—
—
—
68
101
E9
182
Pull-up
BC_1
183
Control
BC_2
184
SC10
Input/Output
BC_7
—
—
—
69
102
D10
185
Pull-up
BC_1
186
Control
BC_2
187
SC11
Input/Output
BC_7
—
—
—
70
103
D11
188
Pull-up
BC_1
189
Control
BC_2
190
SC12
Input/Output
BC_7
—
—
—
71
104
C11
191
Pull-up
BC_1
192
Control
BC_2
193
RXD1
Input/Output
BC_7
94
94
74
74
107
B11
194
Pull-up
BC_1
195
Control
BC_2
196
TXD1
Input/Output
BC_7
95
95
75
75
108
C10
197
Pull-up
BC_1
198
Control
BC_2
199
TIO3
Input/Output
BC_7
97
97
—
77
110
B10
200
Pull-up
BC_1
201
Control
BC_2
202
TIO2
Input/Output
BC_7
98
98
—
78
111
D9
203
Pull-up
BC_1
204
Control
BC_2
205
TIO1
Input/Output
BC_7
99
99
—
79
112
C9
206
Pull-up
BC_1
207
Control
BC_2
208
TIO0
Input/Output
BC_7
101
101
77
81
114
B9
209
Pull-up
BC_1
210
Control
BC_2
211
HDS
Input/Output
BC_7
103
103
—
83
116
C8
212
Pull-up
BC_1
213
Control
BC_2
214
HCS
Input/Output
BC_7
104
104
—
84
117
D8
215
Pull-up
BC_1
216
Control
BC_2
Table 17-5. BSR Contents for 5685x (Continued)
Bit
Number
Pin/Bit
Name
Pin Type
BSR Cell
853 Pin
Number
(128 LQFP
Package)
854 Pin
Number
(128 LQFP
Package)
855 Pin
Number
(100 LQFP
Package)
857 Pin
Number
(100 LQFP
Package)
858 Pin
Number
(144 LQFP
Package)
858 Pin
Number
(144
MAPBGA
Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com