Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 483 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 483 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 479Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 480Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 481Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 482Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 483Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 484Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 485Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 486Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 487Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 483 / 662 page
background image
TAP Controller
JTAG Port, Rev. 4
Freescale Semiconductor
17-21
4. The EOnCE module registers and commands are read and written through the JTAG pins
using the shift-DR-scan path.
Asserting the JTAG’s TRST pin asynchronously forces the JTAG state machine into the
test-logic-reset state.
17.8.1 Operation
All state transitions of the TAP Controller occur based on the value of TMS at the time of a rising
edge of TCK. Actions of the instructions occur on the falling edge of TCK in each controller state
illustrated in Figure 17-1.
17.8.1.1 Test Logic Reset (pstate = F)
During Test-Logic-Reset all JTAG test logic is disabled so the chip can operate in a normal
mode. This is achieved by initializing the Instruction Register (IR) with the IDCODE instruction.
By holding TMS high for five rising edges of TCK, the device will always remain in
Test-Logic-Reset no matter what state the TAP Controller was in previously.
17.8.1.2 Run-Test-Idle (pstate = C)
Run-Test-Idle is a controller state between scan operations. EOnCE entered, the controller will
remain in the Run-Test-Idle mode as long as TMS is held low. When TMS is high and a rising
edge of TCK occurs, the controller moves to the Select-DR state.
17.8.1.3 Select Data Register (pstate = 7)
The Select-DR state is a temporary state. In this state, all Test Data registers selected by the
current instruction retains their previous states. If TMS is held low and a rising edge of TCK
occurs when the controller is in this state, the controller moves into the Capture-DR state and a
scan sequence for the selected Test Data register is initiated. If TMS is held high and a rising
edge of TCK occurs, the controller moves to the Select-IR state.
17.8.1.4 Select Instruction Register (pstate = 4)
The Select-IR state is a temporary state. In this state, all Test Data registers selected by the
current instruction retain their previous states. If TMS is held low and a rising edge of TCK
occurs when the controller is in this state, the controller moves into the Capture-IR state and a
scan sequence for the instruction register is initiated. If TMS is held high and a rising edge of
TCK occurs, the controller moves to the Test-Logic-Reset state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com