Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 485 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 485 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 481Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 482Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 483Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 484Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 485Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 486Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 487Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 488Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 489Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 662 page
background image
TAP Controller
JTAG Port, Rev. 4
Freescale Semiconductor
17-23
17.8.1.11 Capture Instruction Register (pstate = E)
When the TAP Controller is in this state and a rising edge of TCK occurs, the controller advances
to the Exit1-IR state if TMS is held at a one or the Shift-IR state if TMS is held at a zero.
17.8.1.12 Shift Instruction Register (pstate = A)
In this controller state, the Shift register contained in the Instruction Register (IR) is connected
between TDI and TDO and shifts data one stage towards it’s serial output on each rising edge of
TCK. When the TAP Controller is in this state and a rising edge of TCK occurs, the controller
advances to the Exit1-IR state if TMS is held at a one or remains in the Shift-IR state if TMS is
held at a zero.
17.8.1.13 Exit1 Instruction Register (pstate = 9)
This is a temporary controller state. If TMS is held high, and a rising edge is applied to TCK
while in this state causes the controller to advance to the Update-IR state. This terminates the
scanning process. If TMS is held low and a rising edge of TCK occurs the controller advances to
the Pause-IR state.
17.8.1.14 Pause Instruction Register (pstate = B)
This controller state allows shifting of the Instruction Register (IR) in the serial path between
TDI and TDO to be temporarily halted. All Test Data registers selected by the current instruction
retain their previous state unchanged. The controller remains in this state while TMS is held low.
When TMS goes high and a rising edge is applied to TCK, the controller advances to the
Exit2-IR state.
17.8.1.15 Exit2 Instruction Register (pstate = 8)
This is a temporary controller state. If TMS is held high, and a rising edge is applied to TCK
while in this state, the scanning process terminates and the TAP Controller advances to the
Update-IR state. If TMS is held low and a rising edge of TCK occurs, the controller advances to
the Shift-IR state.
17.8.1.16 Update Instruction Register (pstate = D)
During this state, instruction shifted into the Instruction Register (IR) is latched from the Shift
register path on the falling edge of TCK and into the instruction latch. It becomes the current
instruction. On a rising edge of TCK, the controller advances to the Select_IR state if TMS is
held high or the Run-Test-Idle state If TMS is held low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com