Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 486 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 486 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 482Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 483Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 484Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 485Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 486Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 487Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 488Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 489Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 490Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 662 page
background image
5685x Restrictions
5685X Digital Signal Controller User Manual, Rev. 4
17-24
Freescale Semiconductor
17.9 5685x Restrictions
The control afforded by the output enable signals using the BSR and the EXTEST instruction
requires a compatible circuit board test environment to avoid any device-destructive
configurations. Avoid situations when the 5685x output drivers are enabled into actively driven
networks.
During power-up, the TRST pin must be externally asserted to force the TAP Controller into this
state. After power-up is concluded, TMS must be sampled as a Logic 1 for five consecutive TCK
rising edges. If TMS either remains unconnected or is connected to VDD, then the TAP Controller
cannot leave the test-logic-reset state, regardless of the state of TCK.
5685x features a low-power Stop mode invoked using the stop instruction. JTAG interaction with
low-power Stop mode is as follows:
1. The TAP Controller must be in the test-logic-reset state to either enter or remain in Stop
mode. Leaving the TAP Controller test-logic-reset state negates the ability to achieve
low-power, but does not otherwise affect device functionality.
2. The TCK input is not blocked in low-power Stop mode. To consume minimal power, the
TCK input should be tied to ground only.
3. The TMS and TDI pins include On-Chip Pull-Up resistors. In low-power Stop mode, these
two pins should remain either unconnected or connected to VDD to achieve minimal
power consumption.
Because all 5685x clocks are disabled during Stop state, the JTAG interface provides the means
of polling the device status, sampled in the Capture-IR state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com