Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 484 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 484 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 480Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 481Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 482Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 483Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 484Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 485Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 486Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 487Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 488Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 484 / 662 page
background image
TAP Controller
5685X Digital Signal Controller User Manual, Rev. 4
17-22
Freescale Semiconductor
17.8.1.5 Capture Data Register (pstate = 6)
In this controller state, data may be parallel loaded into test registers selected by the current
instruction on the rising edge of TCK. If a test data register selected by the current instruction
does not have a parallel input, the register retains its previous value.
17.8.1.6 Shift Data Register (pstate = 2)
In this controller state, the Test Data register is connected between TDI and TDO. This data is
then shifted one stage towards its serial output on each rising edge of TCK. The TAP Controller
will remain in this state while TMS is held at a low. When a one is applied to TMS and a positive
edge of TCK occurs the controller will move to the Exit1-DR state.
17.8.1.7 Exit1 Data Register (pstate = 1)
This is a temporary controller state. If TMS is held high, and a rising edge is applied to TCK
while in this state causes the controller to advance to the Update-DR state. This terminates the
scanning process.
17.8.1.8 Pause Data Register (pstate = 3)
This controller state allows shifting of the Test Data register in the serial path between TDI and
TDO to be temporarily halted. All test data registers selected by the current instruction retain
their previous state unchanged. The controller remains in this state while TMS is held low. When
TMS goes high and a rising edge is applied to TCK, the controller advances to the Exit2-DR
state.
17.8.1.9 Exit2 Data Register (pstate = 0)
This is a temporary controller state. If TMS is held high, and a rising edge is applied to TCK
while it is in this state, the scanning process terminates and the TAP Controller advances to the
Update-DR state. If TMS is held low and a rising edge of TCK occurs, the controller advances to
the Shift-DR state.
17.8.1.10 Update Data Register (pstate = 5)
All boundary scan register contain a two stage data register. It isolates the shifting and capturing
of data on the peripheral from what is applied to internal logic during scan mode. This register is
the second stage, or parallel output, and it is used to apply a stimulus to internal logic. Data is
latched on the parallel output of these Test Data registers from the Shift register path on the
falling edge of TCK in the Update-DR state. On a rising edge of TCK, the controller advances to
the Select_DR state if TMS is held high or the Run-Test-Idle state If TMS is held low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com