Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 476 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 476 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 472Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 473Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 474Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 475Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 476Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 477Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 478Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 479Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 480Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 476 / 662 page
background image
JTAG Boundary Scan Register (BSR)
5685X Digital Signal Controller User Manual, Rev. 4
17-14
Freescale Semiconductor
72
HD4
Input/Output
BC_7
37
37
—
3041L4
73
Pull-up
BC_1
74
Control
BC_2
75
HD5
Input/Output
BC_7
38
38
—
31
42
J5
76
Pull-up
BC_1
77
Control
BC_2
78
HD6
Input/Output
BC_7
39
39
—
32
43
K5
79
Pull-up
BC_1
80
Control
BC_2
81
HD7
Input/Output
BC_7
40
40
—
33
44
H5
82
Pull-up
BC_2
83
Control
BC_2
84
A8
Input/Output
BC_7
43
43
31
—
48
G5
85
Pull-up
BC_1
86
Control
BC_2
87
A9
Input/Output
BC_7
44
44
32
—
49
L5
88
Pull-up
BC_1
89
Control
BC_2
90
A10
Input/Output
BC_7
45
45
33
—
50
J6
91
Pull-up
BC_1
92
Control
BC_2
93
A11
Input/Output
BC_7
46
46
34
—
51
K6
94
Pull-up
BC_1
95
Control
BC_2
96
DE
Input/Output
BC_7
49
49
37
39
55
H6
97
Pull-up
BC_1
98
Control
BC_2
99
*
Internal
BC_1
—
—
—
—
—
—
100
A12
Input/Output
BC_7
57
57
45
—
63
J8
101
Pull-up
BC_1
102
Control
BC_2
103
A13
Input/Output
BC_7
58
58
46
—
64
K8
104
Pull-up
BC_1
105
Control
BC_2
106
A14
Input/Output
BC_7
59
59
47
—
65
L9
107
Pull-up
BC_1
108
Control
BC_2
Table 17-5. BSR Contents for 5685x (Continued)
Bit
Number
Pin/Bit
Name
Pin Type
BSR Cell
853 Pin
Number
(128 LQFP
Package)
854 Pin
Number
(128 LQFP
Package)
855 Pin
Number
(100 LQFP
Package)
857 Pin
Number
(100 LQFP
Package)
858 Pin
Number
(144 LQFP
Package)
858 Pin
Number
(144
MAPBGA
Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com