Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 474 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 474 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 470Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 471Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 472Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 473Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 474Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 475Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 476Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 477Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 478Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 662 page
background image
JTAG Boundary Scan Register (BSR)
5685X Digital Signal Controller User Manual, Rev. 4
17-12
Freescale Semiconductor
Table 17-5. BSR Contents for 5685x
Bit
Number
Pin/Bit
Name
Pin Type
BSR Cell
853 Pin
Number
(128 LQFP
Package)
854 Pin
Number
(128 LQFP
Package)
855 Pin
Number
(100 LQFP
Package)
857 Pin
Number
(100 LQFP
Package)
858 Pin
Number
(144 LQFP
Package)
858 Pin
Number
(144
MAPBGA
Package)
0
MISO
Input/Output
BC_7
11
—
11
B2
1
Pull-up
BC_1
2
Control
BC_2
3
MOSI
Input/Output
BC_7
2
2
—
2
2
C3
4
Pull-up
BC_1
5
Control
BC_2
6
SCK
Input/Output
BC_7
33
—
33
C2
7
Pull-up
BC_1
8
Control
BC_2
9
SS
Input/Output
BC_7
4
4
—
4
4
D2
10
Pull-up
BC_1
11
Control
BC_2
12
RD
Input/Output
BC_7
773
—
8
D3
13
Pull-up
BC_1
14
Control
BC_2
15
WR
Input/Output
BC_7
8
8
4
—
9
D4
16
Pull-up
BC_1
17
Control
BC_2
18
A0
Input/Output
BC_7
995
—
10
E5
19
Pull-up
BC_1
20
Control
BC_2
21
A1
Input/Output
BC_7
10
10
6
—
11
E4
22
Pull-up
BC_1
23
Control
BC_2
24
A2
Input/Output
BC_7
11
11
7
—
12
E3
25
Pull-up
BC_1
26
Control
BC_2
27
A3
Input/Output
BC_7
12
12
8
—
13
E2
28
Pull-up
BC_1
29
Control
BC_2
30
MDOA
Input/Output
BC_7
15
15
11
10
17
F4
31
Pull-up
BC_1
32
Control
BC_2
33
MODB
Input/Output
BC_7
16
16
12
11
18
F3
34
Pull-up
BC_1
35
Control
BC_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com