Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 478 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 478 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 474Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 475Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 476Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 477Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 478Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 479Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 480Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 481Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 482Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 662 page
background image
JTAG Boundary Scan Register (BSR)
5685X Digital Signal Controller User Manual, Rev. 4
17-16
Freescale Semiconductor
145
CS3
Input/Output
BC_7
78
78
64
58
86
H10
146
Pull-up
BC_1
147
Control
BC_2
148
HA0
Input/Output
BC_7
82
82
—
62
90
G10
149
Pull-up
BC_1
150
Control
BC_2
151
HA1
Input/Output
BC_7
83
83
—
63
91
G11
152
Pull-up
BC_1
153
Control
BC_2
154
HA2
Input/Output
BC_7
84
84
—
64
92
G9
155
Pull-up
BC_1
156
Control
BC_2
157
HRW
Input/Output
BC_7
85
85
—
65
93
G8
158
Pull-up
BC_1
159
Control
BC_2
160
D1
Input/Output
BC_7
86
86
67
—
94
G7
161
Pull-up
BC_1
162
Control
BC_2
163
D2
Input/Output
BC_7
87
87
68
—
95
F9
164
Pull-up
BC_1
165
Control
BC_2
166
D3
Input/Output
BC_7
88
88
69
—
96
F10
167
Pull-up
BC_1
168
Control
BC_2
169
D4
Input/Output
BC_7
89
89
70
—
97
F11
170
Pull-up
BC_1
171
Control
BC_2
172
D5
Input/Output
BC_7
90
90
71
—
98
E10
173
Pull-up
BC_1
174
Control
BC_2
175
STD1
Input/Output
BC_7
—
—
—
66
99
E8
176
Pull-up
BC_1
177
Control
BC_2
178
SRD1
Input/Output
BC_7
—
—
—
67
100
E11
179
Pull-up
BC_1
180
Control
BC_2
Table 17-5. BSR Contents for 5685x (Continued)
Bit
Number
Pin/Bit
Name
Pin Type
BSR Cell
853 Pin
Number
(128 LQFP
Package)
854 Pin
Number
(128 LQFP
Package)
855 Pin
Number
(100 LQFP
Package)
857 Pin
Number
(100 LQFP
Package)
858 Pin
Number
(144 LQFP
Package)
858 Pin
Number
(144
MAPBGA
Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com