Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 471 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 471 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 467Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 468Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 469Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 470Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 471Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 472Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 473Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 474Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 475Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 662 page
background image
JTAG Port Architecture
JTAG Port, Rev. 4
Freescale Semiconductor
17-9
functionality. Data latched into the BSR during the Capture-DR controller state may not
match the drive state of the package signal if the system requiring pull-ups are not present
within the test environment.
2. The second function of the SAMPLE/PRELOAD instruction is to initialize the BSR
output cells (PRELOAD) prior to selection of the CLAMP or EXTEST instruction. This
initialization ensures known data appears on the outputs when executing EXTEST. The
data held in the Shift register stage is transferred to the output latch on the falling edge of
TCK in the update Data Register (DR) controller state. Data is not presented to the pins
until the CLAMP or EXTEST instruction is executed.
Note:
Since there is no internal synchronization between the JTAG clock (TCK) and the
system Clock (CLK), some form of external synchronization to achieve meaningful
results when sampling system values using the SAMPLE/PRELOAD instruction must
be provided.
17.5.2.1 Identification Code Instruction (IDCODE)
The IDCODE instruction enables the IDREGISTER between TDI and TDO. It is provided as a
public instruction to allow the manufacturer part number and version of a component to be
determined through the TAP.
17.5.2.2 TAP Linking Module Select (TLM_SEL)
TLM_SEL instruction is a user-defined JTAG instruction. It is used to disable the Master TAP
and enable the TAP Linking Module (TLM). The TLM provides a means of connecting one or
more TAPs in a multi-TAP design, responding to the IC’s test pins in IEEE 1149.1 scan
operations. TLM serves as a community data register used to set the TAP linking configuration
desired. The TLM register is a 4-bit register, illustrated in Figure 17-3, and enabled between TDI
and TDO during a shift Data Register (DR) operation. It is updated on the Update DR operation.
Table 17-3. TLM Register
Update DR (Load)
Shift DR (Capture)
Bit
Master TAP
N/A
0
56800E TAP
N/A
1
N/C
N/A
2
N/C
N/A
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com