Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 462 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 462 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 458Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 459Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 460Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 461Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 462Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 463Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 464Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 465Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 466Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 662 page
background image
Servicing the Host Interface
5685X Digital Signal Controller User Manual, Rev. 4
16-36
Freescale Semiconductor
The only potential system problem with the uncertainty of reading any status bits by the
Host is HF3 and HF2 as an encoded pair. For example, if the DSC changes HF3 and HF2
from 00 to 11, there is a very small probability the Host could read the bits during the
transition and receive 01 or 10 instead of 11. If the combination of HF3 and HF2 has
significance, the Host would potentially read the wrong combination.
Solutions:
• Read the bits twice and check for consensus.
• Assert HCS access for HCS + 1.5 Clock cycles so the status bit transitions are
stabilized.
4. Overwriting the Host Vector
The Host programmer should change the Host Vector register only when the Host
Command (HC) bit is clear. This guarantees the DSC interrupt control logic receives a
stable vector.
5. Cancelling a pending Host Command Exception
The Host Processor may elect to clear the HC bit to cancel the Host Command exception request
at any time before it is recognized by the DSC. The DSC may execute the Host exception after
the HC bit is cleared:
•
Because the Host does not know exactly when the exception is recognized
•
Because of synchronization
•
Because of exception processing pipelining. As a result, the HV must not be changed at
the same time the HC bit is cleared. In this way, if the exception was taken, the vector is
known.
16.10.10.2 DSC Programmer Considerations
Reading HF1 and HF0 as an encoded pair:
•DMA
•HF1
•HF0
•HCP
•HTDE
•HRDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com