Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 459 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 459 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 455Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 456Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 457Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 458Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 459Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 460Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 461Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 462Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 463Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 662 page
background image
Servicing the Host Interface
Host Interface Eight (HI8), Rev. 4
Freescale Semiconductor
16-33
The Host exception is triggered when HRDF = 1. The Host exception routine must read the Host
Receive Data Register HRX to clear HRDF.
The transfer from Steps 4 to 1 is automatic if TXDE = 1.
Note:
The execution of the Host exception on HRDF = 1 condition occurs after the transfer
to Step 1 and is independent of the handshake since it is only dependent on HRDF = 1.
16.10.9.2
Host-to-DSC Host Processor Procedure
The following procedure outlines the typical steps that the Host Processor must take to setup and
terminate a Host-to-DSC DMA transfer.
1. Setup the external DMA controller source address, direction, byte count, and other control
registers. Enable the DMA controller channel.
2. The DSC must be configured to handle the incoming Host data via polling, interrupts, or
DSC Side DMA configuration. If interrupt operation is desired HRIE must be set to enable
the HRDF interrupt. If DSC Side DMA operations are desired, set RDMAE to enable DSC
transfers when HRDF is set. This could be done with a separate Host Command exception
routine in the DSC.
3. Set TXDE and clear HRDF. This can be done with the appropriate Initialize function. The
Host must also initialize the DMA counter in the HI8 using the initialize feature. HREQ
output pin is asserted immediately by the DSC hardware which begins the DMA transfer.
4. Perform other tasks until interrupted by the DMA controller DMA complete interrupt. The
DSC Interface Control Register (ICR), the Interrupt Status Register (ISR), and RXH/RXL
may be accessed at any time by the Host Processor (using HA0-HA2, HRW/HRD,
HDS/HWR, and HCS) but the transmit byte registers (TXH/TXL) may not be accessed
until the DMA mode is disabled.
5. Terminate the DMA controller channel to disable DMA transfers.
6. Terminate the DSC HI8 DMA mode by clearing the HM1 and HM0 bits and clearing
TREQ in the Interface Control Register (ICR).
16.10.9.3 DSC-to-Host Interface Action
The following procedure outlines the steps that the HI8 hardware takes to transfer DMA data
from DSC memory to the Host data bus.
1. The transmit exception is triggered when HTIE = 1 and HTDE = 1, for Interrupt mode
transfers, or when TDMAE = 1 and HTDE = 1, for on-chip DMA
transfers. The exception routine software, or on-chip DMA, writes the data word into
HTX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com