Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 460 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 460 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 456Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 457Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 458Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 459Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 460Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 461Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 462Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 463Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 464Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 662 page
background image
Servicing the Host Interface
5685X Digital Signal Controller User Manual, Rev. 4
16-34
Freescale Semiconductor
2. Transfer the HTX register to the receive byte registers RXH/RXL when they are empty
(RXDF = 0). This automatically occurs. Load the Host DMA address counter from HM1
and HM0. This action sets HTDE = 1 and trigger another DSC transmit exception to write
HTX.
3. Assert the Host Request (HREQ) pin when the receive byte registers are full.
4. Enable the selected Receive Byte register on the Host data bus when HACK is asserted.
Deassert the Host Request HREQ pin.
5. If the highest register address has not been reached (i.e., RXDF = 1), post-increment the
HI8 DMA address counter to select the next register. Wait until HACK is deasserted, then
go to Step 3.
6. If the highest register address has been reached (i.e., RXDF = 0), wait until HACK is
deasserted then go to step 2. The DSC transmit exception must have written HTX (i.e.,
HTDE = 0) before Step 2 is executed.
Note:
The HOST –> DSC data transfers can occur normally in the channel not used for DMA
except when the Host must use polling and not interrupts.
Note:
The transfer of data from the HTX register to the RXH/RXL registers automatically
loads the HI8 DMA address counter from the HM1 and HM0 bits when in DMA
DSC-to-Host mode.
16.10.9.4 DSC-to-Host Processor Procedure
The following procedure outlines the typical steps the Host Processor must take to setup and
terminate a DSC-to-Host DMA transfer.
1. Setup the external DMA controller destination address, direction, byte count, and other
control registers. Enable the DMA controller channel.
2. The DSC must be configured to provide the outgoing data via polling, interrupts, or DSC
Side DMA configuration. If interrupt operation is desired HTIE must be set to enable the
HTDE interrupt. If DSC Side DMA operations are desired, set TDMAE to enable DSC
transfers when HTDE is set. This could be done with a separate Host Command exception
routine in the DSC.
3. Set HTDE and clear RXDF. This can be done with the appropriate INIT function. The
DSC Host transmit exception is activated immediately by DSC hardware which begins the
DMA transfer.
4. Perform other tasks until interrupted by the DMA controller DMA complete interrupt. The
DSC Interface Control Register (ICR), the Interrupt Status Register (ISR), and TXH/TXL
may be accessed at any time by the Host Processor (using HA0-HA2, HRW/HRD,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com