Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 455 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 455 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 451Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 452Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 453Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 454Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 455Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 456Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 457Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 458Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 459Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 662 page
background image
Servicing the Host Interface
Host Interface Eight (HI8), Rev. 4
Freescale Semiconductor
16-29
Figure 16-17. HI8 Transmit Byte Low Register (TXL)
See Programmer’s Sheet on Appendix page B - 146
* Depends on HLEND setting
16.10.5 Host Side Registers After Reset
Table 16-13 shows the result of the three kinds of reset on bits in each of the HI8 registers seen
by the Host Processor. The hardware reset is caused by asserting the RESET pin. Execute the
RESET instruction to set the software reset. Execute the STOP instruction to set the Stop reset.
Base + $7/$6*
7
6
5
4
3
2
1
0
Read
Write
TXL
Reset
00000000
Table 16-13.
Host Side Registers After Reset
Register
Name
Register
Data
Reset Type
Hardware
Reset
Software
Reset
Stop Reset
ICR
All Bits
0
0
—
CVR
HC
0
0
0
HV[6:0]
$00
$00
—
ISR
HREQ
0
0
1 if TREQ is set, 0 if TREQ is cleared
DMA
0
0
—
HF[3:2]
0
0
—
TRDY
1
1
1
TXDE
1
1
1
RXDF
0
0
0
IVR
IV[7:0]
$0F
$0F
—
RX
RXH:RXL
Empty
Empty
Empty
TX
TXH:TXL
Empty
Empty
Empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com