Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 454 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 454 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 450Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 451Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 452Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 453Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 454Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 455Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 456Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 457Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 458Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 662 page
background image
Servicing the Host Interface
5685X Digital Signal Controller User Manual, Rev. 4
16-28
Freescale Semiconductor
Figure 16-15. HI8 Receive Byte Low Register (RXL)
See Programmer’s Sheet on Appendix page B - 145
* Depends on HLEND setting
16.10.4 Transmit Byte Registers (TXH, TXL)
The Transmit Byte Registers are viewed as two 8-bit write-only registers by the Host Processor.
These registers are called Transmit High (TXH) and Transmit Low (TXL). The two registers
transmit data to the High Byte and Low Byte, respectively from the HRX register. They are
selected by three external Host Address (HA2, HA1, and HA0) inputs during a Host Processor
write operation, or by an on-chip address counter in DMA operations. Data can be written into
the Transmit Byte Registers when the Transmit Data Register Empty (TXDE) bit is set. The Host
Processor can program the TREQ bit to assert the external HREQ pin when TXDE is set. This
informs the Host Processor, or Host DMA controller the Transmit Byte Registers are empty.
Writing the data register at Host Address $7 clears the TXDE bit.
•
When the HLEND bit in the ICR is cleared, the TXH register is located at address $6 and
TXL at $7.
•
When the HLEND bit in the ICR is set, the TXH register is located at address $7 and TXL
at $6.
The Transmit Byte Registers are transferred as 16-bit data to the HRX register when both TXDE
and the HRDF bits are cleared. This transfer operation sets the TXDE and HRDF bits.
Figure 16-16. HI8 Transmit Byte High Register (TXH)
See Programmer’s Sheet on Appendix page B - 146
* Depends on HLEND setting
Base + $7/$6*
7
6
5
4
3
2
1
0
Read
RXL
Write
Reset
00000000
Base + $6/$7*
7
6
5
4
3
2
1
0
Read
Write
TXH
Reset
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com