Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 445 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 445 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 441Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 442Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 443Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 444Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 445Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 446Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 447Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 448Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 449Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 662 page
background image
Host Side Registers
Host Interface Eight (HI8), Rev. 4
Freescale Semiconductor
16-19
16.9.1.1 Initialize (INIT)—Bit 7
The Initialize (INIT) bit is used by the Host Processor to force initialization of the HI8 hardware.
Initialization consists of configuring the HI8 transmit and receive control bits. Using the INIT bit
to initialize the HI8 hardware may or may not be necessary, depending upon the software design
of the interface.
The type of initialization performed when the INIT bit is set depends on the state of TREQ and
RREQ bits located in the Interface Control Register. The INIT command, local to the HI8, is
designed to conveniently configure the HI8 into the desired data transfer mode. Those commands
are described in Figure 16-7. The Host Processor sets the INIT bit, causing the HI8 to execute
the INIT command. The interface hardware clears the INIT bit when the command has been
executed.
16.9.1.2 Host Mode Control (HM1, HM0)—Bits 6–5
The Host mode control bits HM0 and HM1 select the Transfer mode of the HI8. HM1 and HM0
enable the DMA mode of operation, or they interrupt a no-Host DMA mode of operation when
HREQ bit in the Host Control Register (HCR) is set.
When the Host DMA mode is enabled, the HREQ pin is used as a DMA transfer request output to
a Host DMA controller and the HACK pin is used as a DMA Transfer Acknowledge input from a
Table 16-7.
INIT Execution Definition–Interrupt Mode
TREQ
RREQ
After INIT Execution
Transfer Direction Initialized
0
0
INIT = 0
None
0
1
INIT = 0; RXDF = 0; HTDE = 1
DSC-to-Host
1
0
INIT = 0; TXDE = 1; HRDF = 0
Host-to-DSC
1
1
INIT = 0; RXDF = 0; HTDE = 1;TXDE = 1; HRDF = 0
Host-to/from-DSC
Table 16-8.
INIT Execution Definition–HDMA Mode (HM1 = 1)
TREQ
RREQ
After INIT Execution
Transfer Direction Initialized
0
0
INIT = 0; address counter = HM1, HM0
None
01
INIT = 0; RXDF = 0; HTDE = 1;
address counter = HM1, HM0
DSC-to-Host
10
INIT = 0; TXDE = 1; HRDF = 0;
address counter = HM1, HM0
Host -to-DSC
1
1
Undefined (illegal)
Host-to/from-DSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com