Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 446 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 446 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 442Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 443Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 444Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 445Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 446Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 447Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 448Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 449Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 450Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 662 page
background image
Host Side Registers
5685X Digital Signal Controller User Manual, Rev. 4
16-20
Freescale Semiconductor
Host DMA controller. The DMA Control bits HM0 and HM1 select the size of the DMA word to
be transferred as shown inTable 16-9. The direction of the DMA transfer is selected by the
TREQ and RREQ bits.
When both HM1 and HM0 are cleared, the Host DMA mode is disabled and the TREQ and
RREQ control bits are used for the Host Processor interrupting via the external Host Request
HREQ output pin when the HRMS bit is also cleared. In the Interrupt mode, the Host
Acknowledge HACK input pin is used for the MC68000 family vectored Interrupt Acknowledge
input.
When HM1 is set, the Host DMA mode is enabled and the Host Request (HREQ) pin is not
available for Host Processor interrupts. When the Host DMA mode is enabled, the TREQ and
RREQ bits select the direction of Host DMA transfers; the Host Acknowledge (HACK) input pin
is used as a Host DMA transfer acknowledge input.
When the Host DMA direction is from DSC-to-Host, the contents of the selected register, RXH
or RXL, are enabled onto the Host data bus when the HACK pin is asserted.
If the Host DMA direction is from Host-to-DSC, the contents of the selected register are enabled
onto the Host data bus when the HACK pin is asserted.
If the Host DMA direction is from Host-to-DSC, the selected register is written to TXH or TXL
from the Host data bus when the HACK pin is asserted.
The size of the Host DMA word to be transferred is determined by the Host mode 0 (HM0) bit.
The HI8 register selected during a Host DMA transfer is determined by a 2-bit address counter,
preloaded with the value in HM1 and HM0. The address counter substitutes for the Host Address
inputs, HA1 and HA0 during a Host DMA transfer. The Host Address input HA2 is forced to 1
during each Host DMA transfer. The address counter can be initialized when the INIT bit is set.
After each DMA transfer, the address counter is incriminated to the next register.
Table 16-9.
Mode (HM1, HM0) Bit Definition (HRMS = 0)
HM1
HM0
Mode
0
0
Interrupt mode (HDMA off)
01
Illegal
1
0
HDMA mode; 16-bit
1
1
HDMA mode; 8-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com