Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 431 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 431 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 427Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 428Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 429Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 430Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 431Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 432Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 433Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 434Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 435Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 662 page
background image
HI8 Host Port
Host Interface Eight (HI8), Rev. 4
Freescale Semiconductor
16-5
16.3 Signal Descriptions
16.4 HI8 Host Port
This section’s table details the HI8 pins and their functions. Additionally, the HI8 block diagram
is located as Figure 16-1following the HI8 pins details in Table 16-1.
Table 16-1.
Host Interface 8 Signals
HI8 Port Pin
Signal Name
Signal Type
State During
Reset of Stop
Signal Description
HD[0:7]
HD0 - HD7
or
(PB0 - PB7)
Input /Output
Input or Output
Disconnected
Internally
Host Data Bus—This bidirectional data bus is used
to transfer data between the Host Processor and the
DSC, (HD0-HD7).
Port B 0-7—These are GPIO pins when not
configured for Host port use.
HA[0:2]
HA0 - HA2
or
(PB8 - PB10)
Input
Input/Output
Disconnected
Internally
Host Address—These inputs provide the address
selection for the HI8 registers, (HA0-HA2).
Port B 8-10—These are GPIO pins when not
configured for Host port use.
HRW / HRD
HRW
or
HRD
or
(PB11)
Input
Input
or
Output
Disconnected
Internally
Host Read/Write—When the HI8 is programmed to
interface to a single data strobe host bus, this signal
is the Read/Write input (HRW). When set low, the
Host writes data to DSC. When set high, the Host
reads data from DSC.
Host Read Data Strobe—When the HI8 is
programmed to interface to a double data strobe
host bus, this signal is the Read Data strobe input
(HRD), active low.
Port B 11—This is a GPIO pin when not configured
for Host port use.
HDS / HWR
HDS
or
HWR
or
(PB12)
Input
Input
Input/Output
Disconnected
Internally
Host Data Strobe—When the HI8 is programmed to
interface to a single-data strobe host bus, this input
enables a data transfer on the HI8 when HCS is set
to low.
Host Write Data Strobe—When the HI8 is
programmed to interface to a double data strobe
host bus and the HI8 function is selected, this active
low signal is the Write Data Strobe input (HWR).
Port B 12—This is a GPIO pin when not configured
for Host port use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com