Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 513 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 513 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 509Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 510Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 511Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 512Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 513Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 514Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 515Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 516Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 517Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-11
2 of 4
EMI
Chip Select Option Register (CSOR0-3)
Chip Select
Option Register
(CSOR0-CSOR3)
$1FFE40 + $8-$B
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
RWS
BYTE_EN
R/W
PS/DS
WWS
Write
Reset
10
1110000
001
0111
Bits
Name
Description
9 - 8
BYTE_EN
Upper/Lower Byte Enable (UBS and LBS)
Accesses to external data memory are typically through the use of a word. For data memory
access, the 56800 core can also access bytes, yielding the upper and lower half of a word.
CSOR Encoding of CS UBS Functionality
CSOR Encoding of CS LBS Functionality
00
Disabled
00
Disabled
01
Lower Byte Enabled
01
Lower Byte Enabled
10
Upper Byte Enabled
10
Upper Byte Enabled
11
Both Bytes Enabled
11
Both Bytes are Enabled
7 - 6
R/W
Read/Write
00
The chip select will be disabled
01
The chip select will be enabled for both read/write
10
The chip select will allow read only
11
The chip select will allow read/write
5 - 4
PS/DS
Program/Data Space Select
00
The chip select will be disabled
01
The chip select will allow Data Space only
10
The chip select will allow Program Space only
11
The chip select will be enabled
3 - 0
WWS
Write Wait State
Specifies minimum number of IPBus_CLK Wait states required by an EMI access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com