Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 516 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 516 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 512Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 513Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 514Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 515Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 516Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 517Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 518Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 519Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 520Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 516 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
5685X Digital Signal Controller User Manual, Rev. 4
B-14
Freescale Semiconductor
1 of 4
Bits
Name
Description
13
LCK1
Lock 1 Status
This bit shows the status of the lock detector state for the LCK1 circuit.
0
PLL not locked
1
PLL locked
12
LCK0
Lock 0 Status
This bit shows the status of the lock detector state for the LCK0 circuit.
0
PLL not locked
1
PLL locked
11
SEL
Clock Source Select
This bit is used to control the source of the master clock to the SIM.
0
Oscillator output selected (default)
1
PLL output selected
6 - 5
LCK1_IE
Lock 1 Interrupt Enable
This is an optional interrupt bit.
00
Disable interrupt (default)
01
Enable interrupt on rising edge of LCK1
10
Enable interrupt on falling edge of LCK1
11
Enable interrupt on any edge of LCK1
OCCS
CGM Control Register (CGMCR)
CGM Control
Register (CGMCR)
$1FFF10 + $0
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
LCK1 LCK0 SEL
0
0
0
0
LCK1_IE
LCK0_IE
LCKON TOD_SEL PDN
Write
Reset
00
0
0
0
000000
0
0
0
0
1
denotes Reserved Bits
See the following page for continuation of this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com