Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 520 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 520 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 516Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 517Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 518Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 519Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 520Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 521Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 522Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 523Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 524Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
5685X Digital Signal Controller User Manual, Rev. 4
B-18
Freescale Semiconductor
denotes Reserved Bits
1 of 3
COP
COP Control Register (COPCTL)
Bits
Name
Description
4
BYPS
BYPASS (For factory use only)
When this bit is set, it allows factory testing of the COP is accelerated by routing the IPBus clock
to the counter instead of the OSCCLK. This bit should not be set during normal chip operation.
3
CSEN
COP Stop Enable
This bit controls the operation of the COPcounter Stop mode. It can be changed only when the
CWP bit is set to zero.
2
CWEN
COP Wait Enable
This bit controls the operation of the COP counter in the Wait mode. It can be changed only when
the CWP bit is set to zero.
1
CEN
COP Enable
This bit controls the operation of the COP counter. This bit can only be changed when CWP is set
to zero. This bit always reads as zero when the chip is in the Debug mode.
0
CWP
COP Write Protect
This bit controls the write protection feature of the COP Control (COPCTL) and the COP Timeout
(COPTO) registers. Once set, this bit can only be cleared by resetting the module.
COP Control
Register (COPCTL)
$1FFFD0 + $0
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
0
BYPS CSEN CWEN CEN
CWP
Write
Reset
0000
00000
00
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com