Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 521 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 521 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 517Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 518Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 519Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 520Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 521Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 522Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 523Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 524Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 525Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-19
COP Timeout
Register (COPTO)
$1FFFD0 + $1
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TIMEOUT
Write
Reset
1111
11111
11
1111
1
2 of 3
COP
COP Time-Out Register (COPTO)
Bits
Name
Description
15 - 0
TIMEOUT
COP Time-Out Period
This register determines the time-out period of the COP counter. TIMEOUT should be written
before the COP is enabled. Once the COP is enabled, the recommended procedure for changing
TIMEOUT is to disable the COP, write to COPTO, then re-enable the COP, ensuring the new
TIMEOUT is loaded into the counter. Alternatively, the CPU can write to COPTO, then write the
proper patterns to COPCTR, causing the counter to reload with the new TIMEOUT value. The COP
counter is not reset by a write to COPTO. Changing TIMEOUT while the COP is enabled will result
in a time-out period differing from the expected value. These bits can only be changed when the
CWP bit is set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com