Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 518 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 518 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 514Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 515Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 516Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 517Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 518Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 519Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 520Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 521Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 522Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 518 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
5685X Digital Signal Controller User Manual, Rev. 4
B-16
Freescale Semiconductor
3 of 4
OCCS
CGM Divide-By
Register (CGMDB)
$1FFF10 + $1
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
POST
0
0
0
0
0
0
PLLDB
Write
Reset
0
0000
0000
0111
011
CGM Divide-By Register (CGMCR)
Bits
Name
Description
15 - 13
POST
PLL Post Scaler
The output of the PLL is postscaled by 1-128 based on this field. To change this field, set the SEL
bit to choose the oscillator output, then this field is changed. The SEL bit is then returned to
selecting the PLL postscaled output.
000
PLL output is divided by 1 (default)
001
PLL output is divided by 2
010
PLL output is divided by 4
011
PLL output is divided by 8
100
PLL output is divided by 16
101
PLL output is divided by 32
110
PLL output is divided by 64
111
PLL output is divided by 128
6 - 0
PLLDB
PLL Divide-By
The PLL output frequency is controlled by the PLL divide-by value. Each time a new value is
written into the PLLDB field, the Lock Detector circuit is reset. Before changing the divide-by, set
the SEL bit to choose the oscillator output.
denotes Reserved Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com