Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 514 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 514 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 510Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 511Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 512Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 513Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 514Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 515Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 516Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 517Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 518Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
5685X Digital Signal Controller User Manual, Rev. 4
B-12
Freescale Semiconductor
3 of 4
EMI
Chip Select Timing Control Registers (CSTC0–3)
Chip Select
Timing Control
Register
(CSTC0-CSOR3)
$1FFE40 + $10-$13
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
WWSS
WWSH
RWSS
RWSH
0
0
0
0
0
MDAR
Write
Reset
00
0000000
000
0011
Bits
Name
Description
15 - 14
WWSS
Write Wait States Setup Delay
This field affects the write cycle timing diagram, illustrated in Figure 5-16. Additional time
(clock cycles) is provided between the assertion of CSn and address lines and the assertion
of WR. The value of WWSS should be set as indicated in Section 5.7.2.
13 - 12
WWSH
Write Wait States Hold Delay
This field affects the write cycle timing diagram, illustrated in Figure 5-17. The WWSH field
specifies the number of additional system clocks to hold the address, data, and CSn signals
after the WR signal is deasserted. The value of WWSH should be set as indicated in
Section 5.7.2.
11 - 10
RWSS
Read Wait States Setup Delay
This field affects the read cycle timing diagram, illustrated in Figure 5-10. Additional time
(clock cycles) is provided between the assertion of CSn and address lines and the assertion
of RD. The value of RWSS should be set as indicated in Section 5.7.1.
9 - 8
RWSH
Read Wait States Hold Delay
This field affects the read cycle timing diagram, illustrated in Figure 5-11. The RWSH field
specifies the number of additional system clocks to hold the address, data, and CSn signals
after the RD signal is deasserted. The value of RWSH should be set as indicated in
Section 5.7.1.
2 - 0
MDAR
Minimal Delay After Read
This field specifies the number of system clocks to delay between reading from memory in
a CSn controlled space and reading from another device. Since a write to the device implies
activating the device on the bus, this is also considered a read from another device.
Figure 5-6 illustrates the timing issue requiring the introduction of the MDAR field. In this
diagram, CS1 is assumed to operate a slow flash memory in P-space while CS2 is operating
a faster RAM in X-space. In some bus contention cases, it is possible to encounter data
integrity problems where the contention is occurring at the time the data bus is sampled.
denotes Reserved Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com