Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 592 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 592 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 588Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 589Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 590Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 591Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 592Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 593Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 594Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 595Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 596Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 592 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
56F853/854/855/857/858 Digital Signal Controller User Manual, Rev. 4
B-90
Freescale Semiconductor
Preliminary
7 of 11
TMR
TMR Control Register (CTL)
Bits
Name
Description
15 - 13
CM
Count Mode
These bits control the basic counting behavior of the counter
000
No operation
001
Count rising edges of primary source.
010
Count rising and falling edges of primary source.
011
Count rising edges of primary source while secondary input is active high
100
Quadrature Count mode uses primary and secondary sources
101
Count primary source rising edges, secondary source specifies direction (1=minus)
110
Edge of secondary source triggers primary count until compared
111
Cascaded Counter mode (up/down)
12 - 9
PCS
Primary Count Service Source
These bits select the primary count source
0000
Counter 0 input pin (TIO0)
0001
Counter 1 input pin (TIO1)
0010
Counter 2 input pin (TIO2)
0011
Counter 3 input pin (TIO3)
0100
Counter 0 output (OFLAG0)
0101
Counter 1 output (OFLAG1)
0110
Counter 2 output (OFLAG2)
0111
Counter 3 output (OFLAG3)
1000
Prescaler (IPBus clock divide by 1)
1001
Prescaler (IPBus clock divide by 2)
1010
Prescaler (IPBus clock divide by 4)
1011
Prescaler (IPBus clock divide by 8)
1100
Prescaler (IPBus clock divide by 16)
1101
Prescaler (IPBus clock divide by 32)
1110
Prescaler (IPBus clock divide by 64)
1111
Prescaler (IPBus clock divide by 128)
TMR Control
Register (CTL)
$1FFE80 + $6, $E,
$16, $1E
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
CM
PCS
SCS
ONCE LENGTH DIR
EXT
INIT
OM (OFLAG)
Write
Reset
0
0
0
0000
0
0
0
0
00000
See the following page for continuation of this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com