Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 595 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 595 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 591Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 592Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 593Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 594Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 595Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 596Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 597Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 598Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 599Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 595 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-93
Preliminary
Bits
Name
Description
15
TCF
Timer Compare Flag
This bit is set when a successful compare occurs. Cleared by writing a 0 to it.
14
TCFIE
Timer Compare Flag Interrupt Enable
When set, this bit enables interrupts when the TCF bit is set.
13
TOF
Timer Overflow Flag
This bit is set when the counter rolls over its maximum value $FFFF or $0000, depending on count
direction. Clear the bit by writing 0 to it.
12
TOFIE
Timer Overflow Flag Interrupt Enable
When set, this bit enables interrupts when the TOF bit is set.
11
IEF
Input Edge Flag
This bit is set when a positive input transition occurs. Clear the bit by writing 0 to it.
10
IEFIE
Input Edge Flag Interrupt Enable
When set, this bit enables interrupts when the IEF bit is set.
9
IPS
Input Polarity Select
When set, this bit inverts the input signal polarity.
8
INPUT
External Input Signal
This read-only bit reflects the current state of the external input pin selected via the secondary
count source after application of the IPS bit.
10 of 11
TMR Status/Control Registers (SCR)
TMR
TMR Status/Control
Register (SCR)
$1FFE80 + $7, $F,
$17, $1F
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TCF TCFIE TOF TOFOE IEF IEFIE
IPS
INPUT
CM MSTR EEOF VAL
0
OPS OEN
Write
FORCE
Reset
000
0
0
00
0
0
0
0
00
0
00
denotes Reserved Bits
See the following page for continuation of this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com