Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 593 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 593 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 589Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 590Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 591Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 592Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 593Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 594Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 595Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 596Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 597Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 593 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-91
Preliminary
TMR
8 of 11
TMR Control
Register (CTL)
$1FFE80 + $6, $E,
$16, $1E
Bits
15
14
13 12 11 10
9
8
7
6
5
4
3
2
1
0
Read
CM
PCS
SCS
ONCE
LENGTH
DIR
EXT
INIT
OM (OFLAG)
Write
Reset
0
0
0
0
0
0
0
0
0
0
0
000
0
0
TMRA0_CTRL (Timer A, Channel 0 Control)—Address: TMRA_BASE + $6
TMRA1_CTRL (Timer A, Channel 1 Control)—Address: TMRA_BASE + $E
TMRA2_CTRL (Timer A, Channel 2 Control)—Address: TMRA_BASE + $16
TMRA3_CTRL (Timer A, Channel 3 Control)—Address: TMRA_BASE + $1E
TMR Control Register (CTL) continued
Bits
Name
Description
8 - 7
SCS
Secondary Source
This bit field provides additional information used for counting, such as direction.
00
Counter 0 input pin (TIO0)
01
Counter 1 input pin (TIO1)
10
Counter 2 input pin (TIO2)
11
Counter 3 input pin (TIO3)
6
ONCE
Count Once
This bit selects continuous or one-shot counting mode.
0
Count repeatedly
1
Count until compare, then stop. Counting up: compares when counter reaches CMP1
value. Counting down: compares when counter reaches CMP2 value.
5
LENGTH
Count Length
Determines whether counter counts to the compare value, reinitializing itself.
0
Roll-over
1
Count until compare, then reinitialize
See the following page for continuation of this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com