Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 658 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 658 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 654Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 655Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 656Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 657Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 658Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 659Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 660Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 661Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 662Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 658 / 662 page
background image
Index, Rev. 4
Index - viii
Freescale Semiconductor
ROM A-13
RPD A-13
RSRC A-13
RWU A-13
S
SA A-13
SBK A-13
SBO A-13
SBR A-13
SCI 1-29
, A-13
Baud Rate Generation 10-7
Baud Rate Tolerance 10-17
Control Register (SCICR) 10-23
Control Register 2 (SCICR2) 10-27
Data Frame Format 10-6
Data Register (SCIDR) 10-31
DMA Operation 10-21
Features 10-3
Functional Diagram 10-6
Interrupt Sources 10-32
Loop Operation 10-20
Low Power Options 10-22
Receive Data (RXD) 10-4
Receiver Block Diagram 10-11
Receiver DMA Operation 10-21
Receiver Wake Up with DMA 10-21
Recovery From Wait Mode 10-22
Recovery from Wait Mode 10-32
Register Descriptions 10-23
Run Mode 10-22
SCI0 and SCI1 Memory Maps 10-5
Single Wire Operation 10-20
Status Register (SCISR) 10-28
Stop Mode 10-22
Transmit Data (TXD) 10-4
Transmit DMA Operation 10-21
Transmitter Block Diagram 10-8
Wait Mode 10-22
SCI (Serial Communications Interface) 1-29
SCIBR A-13
SCICR A-13
SCIDR A-13
SCISR A-13
SCLK A-13
SCR A-13
SD A-13
SDK A-13
Serial Communications Interface (SCI) 1-29
SEXT A-13
Signal Description DMA 9-3
Signal Description HI8 16-5
Signal Description ITCN 8-4
Signal Description SIM 4-6
Signal Descriptions ESSI 12-4
Signal Properties ESSI 12-4
Signed Count Mode TMR 13-7
SIM A-13
Block Diagram 4-4
Clock Generation Concepts 4-14
Clock Signals 4-15
Control Register (SCR) 4-9
Features 4-3
Generated Clocks 4-15
Interface Signals 4-6
Power Mode Controls 4-16
Register Descriptions 4-9
Register Map 4-8
Resets 4-17
Signal Description 4-6
Software Control Data 1 (SCD1) 4-13
Software Control Data 2 (SCD2) 4-13
Single Wire Operation SCI 10-20
SMODE A-13
Source Address High (DMASAH) 9-12
SP A-14
SPDRR A-13
SPDSR A-13
SPDTR A-13
SPI A-14
Clock Phase and Polarity Controls 11-11
Data Receive Register (SPDRR) 11-27
Data Shift Odering 11-11
Data Size and Control Register (SPDSCR) 11-26
Data Transmission Length 11-11
Data Transmit Register (SPDTR) 11-28
Error Conditions 11-17
External I/O Signals 11-6
Features 11-3
Interrupts 11-29
Master In/Slave Out (MISO) 11-5
Master Out/Slave In (MOSI) 11-5
Memory Map 11-18
Mode Fault Error 11-19
Overflow Error 11-17
Pin Descriptions 11-5
Register Descriptions 11-22
Resets 11-28
Serial Clock (SCLK) 11-5
Slave Mode 11-8
Slave Select (SS) 11-5
Status and Control Register (SPSCR) 11-22
Transmission Data 11-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com