Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 654 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 654 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 650Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 651Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 652Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 653Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 654Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 655Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 656Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 657Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 658Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 654 / 662 page
background image
Index, Rev. 4
Index - iv
Freescale Semiconductor
Network Mode 12-14
Network Mode with Mask Registers
Implemented 12-19
Normal Mode 12-10
Receive Data (RX) 12-64
Receive Data With Exception 12-63
Receive FIFO Register (RXFIFO) 12-29
Receive Last Slot (RLS) 12-64
Receive Register (SRX) 12-29
Receive Shift Register (RXSR) 12-30
Receive Slot Mask Registers (RSMA, RSMB) 12-58
Register Descriptions 12-26
Resets 12-62
Signal Descriptions 12-4
Signal Properties 12-4
Status Register (SSR) 12-31
Time Slot Register (STSR) 12-53
Transmit Data (TX) 12-64
Transmit Data With Exception 12-64
Transmit FIFO Registers (TXFIFO0, TXFIFO1,
TXFIFO2) 12-27
Transmit Last Slot (TLS) 12-65
Transmit Registers (STX0, STX1, STX2) 12-26
Transmit Shift Registers (TXSR0, TXSR1,
TXSR2) 12-28
Transmit Slot Mask Registers (TSMA, TSMB) 12-57
ESSI (Enhanced Synchronour Serial Interface) 1-30
ESSI Enable (ESSIEN) 12-42
EX A-6
EXTBOOT A-6
External Frame Sync Setup ISSI 12-65
External I/O Signals SPI 11-6
External Memory Interface (EMI) 1-28
External Signals Descriptions ESSI 12-4
EXTR A-6
F
FAULT A-6
FE A-6
Feature Matrix 1-12
FH A-6
FIEx A-6
FIR A-6
Fixed Frequency PWM Mode TMR 13-8
Flash memory A-6
FLOCI A-6
FLOLI A-6
FMODEx A-6
FPINx A-7
FTACKx A-7
Fucntional Description ESSI 12-10
Functional Description GPIO 15-4
Functional Description SCI 10-6
Functional Description TMR 13-4
Functionl Description ITCN 8-7
G
Gated Count Mode TMR 13-6
General Information TOD 14-7
General Purpose I/O Port (GPIO) 1-29
GPIO A-7
(General Purpose Input/Output) 1-29
Block Diagram 15-3
Configuration 15-5
Data Register Access 15-25
Features 15-3
Functional Description 15-4
GPIO Mode 15-4
Interrupts 15-26
Modes of Operation 15-4
Normal Mode 15-4
Port A Data Register (MPA_DR) 15-18
Port A Direction Register (MPA_DDR) 15-14
Port A Peripheral Enable Register (MPA_PER) 15-10
Port A Pull-Up Enable Register (MPA_PUE) 15-21
Port B Data Register (MPB_DR) 15-18
Port B Direction Register (MPB_DDR) 15-14
Port B Peripheral Enable Register (MPB_PER) 15-10
Port B Pull-Up Enable Register (MPB_PUE) 15-22
Port C Data Register (MPC_DR) 15-18
Port C Direction Register (MPC_DDR) 15-15
Port C Peripheral Enable Register (MPC_PER) 15-11
Port C Pull-Up Enable Register (MPC_PUE) 15-22
Port D Data Register (MPD_DR) 15-19
Port D Direction Register (MPD_DDR) 15-15
Port D Peripheral Enable Register (MPD_PER) 15-11
Port D Pull-Up Enable Register (MPD_PUE) 15-23
Port E Data Register (MPE_DR) 15-19
Port E Direction Register (MPE_DDR) 15-16
Port E Peripheral Enable Register (MPE_PER) 15-12
Port E Pull-Up Enable Register (MPE_PUE) 15-23
Port F Data Register (MPF_DR) 15-20
Port F Direction Register (MPF_DDR) 15-16
Port F Peripheral Enables Register (MPF_PER) 15-12
Port F Pull-Up Enable Register (MPF_PUE) 15-24
Port G Data Register (MPG_DR) 15-20
Port G Direction Register (MPG_DDR) 15-17
Port G Peripheral Enables Register (MPG_PER) 15-13
Port G Pull-Up Enable Register (MPG_PUE) 15-24
Port H Data Register (MPH_DR) 15-21
Port H Direction Register (MPH_DDR) 15-17
Port H Peripheral Enables Register (MPH_PER) 15-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com