Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 651 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 651 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 647Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 648Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 649Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 650Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 651Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 652Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 653Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 654Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 655Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 651 / 662 page
background image
INDEX
Index, Rev. 4
Freescale Semiconductor
Index -i
Symbols
(CAP) Timer Channel Capture Register 13-17
(CGMDB) CGM Divide-By Register 6-15
(CGMTOD) Time of Day CGM Register 6-16
(CMP1) Timer Channel Compare Register 1 13-16
(CMP2) Timer Channel Compare Register 2 13-16
(CNTR) Timer Channel Counter Register 13-18
(CTL) Timer Control Registers 13-11
(CVR) Command Vector Register Host Side HI8 16-23
(DMACNT) Transfer Count 9-11
(DMACQS) Circular Queue Size 9-10
(DMADAL) Destination Address Low 9-11
(DMASAL) Source Address Low 9-12
(DMATC) Transfer Control 9-8
(FIM0, FIM1) Fast Interrupt Match Registers 8-26
(FIVAH1) Fast Interrupt 1 Vector Address High
Register 8-28
(FIVAL0, FIVAH0, FIVAL1, FIVAH1) Fast Interrupt Match
Registers 8-27
(FIVAL1) Fast Interrupt 1 Vector Address Low Register 8-28
(HCR) DSC Side Control Register HI8 16-10
(HOLD) Timer Channel Hold Register 13-17
(HRX) DSC Side Receive Data Register HI8 16-15
(HSR) DSC Side Status Register HI8 16-13
(HTX) DSC Side Transmit Data Register HI8 16-15
(ICR) Host Side Interface Control Register HI8 16-18
(ICTL) Interrupt Control Register 8-30
(IPR1) Interrupt Priority Register 1 8-9
(IPR2) Interrupt Priority Register 2 8-10
(IPR3) Interrupt Priority Register 3 8-12
(IPR4) Interrupt Priority Register 4 8-14
(IPR5) Interrupt Priority Register 5 8-16
(IPR6) Interrupt Priority Register 6 8-19
(IPR7) Interrupt Priority Register 7 8-21
(IRQ0, IRQ1, IRQ3, IRQ4) Pending Registers IRQ 8-29
(ISR) Interface Status Register Host Side HI8 16-24
(IVR) Interrupt Vector Register Host Side HI8 16-26
(LOAD) Timer Channel Load Register 13-17
(MISO) Master In/Slave Out 11-5
(MOSI) Master Out/Slave In 11-5
(MPA_DDR) Port A Direction Register GPIO 15-14
(MPA_DR) Port A Data Register GPIO 15-18
(MPA_PER) Port A Peripheral Enable Register 15-10
(MPA_PUE) Port A Pull-Up Enable Register GPIO 15-21
(MPB_DDR) Port B Direction Register 15-14
(MPB_DR) Port B Data Register GPIO 15-18
(MPB_PER) Port B Peripheral Enable Register GPIO 15-10
(MPB_PUE) Port B Pull-Up Enable Register GPIO 15-22
(MPC_DDR) Port C Direction Register GPIO 15-15
(MPC_DR) Port C Data Register GPIO 15-18
(MPC_PER) Port C Peripheral Enable Register
GPIO 15-11
(MPC_PUE) Port C Pull-Up Enable Register GPIO 15-22
(MPD_DDR) Port D Direction Register GPIO 15-15
(MPD_DR) Port D Data Register GPIO 15-19
(MPD_PER) Port D Peripheral Enable Register
GPIO 15-11
(MPD_PUE) Port D Pull-Up Enable Register GPIO 15-23
(MPE_DDR) Port E Direction Register GPIO 15-16
(MPE_DR) Port E Data Register GPIO 15-19
(MPE_PER) Port E Peripheral Enable Register
GPIO 15-12
(MPE_PUE) Port E Pull-Up Enable Register GPIO 15-23
(MPF_DDR) Port F Direction Register GPIO 15-16
(MPF_DR) Port F Data Register GPIO 15-20
(MPF_PER) Port F Peripheral Enables Register
GPIO 15-12
(MPF_PUE) Port F Pull-Up Enable Register GPIO 15-24
(MPG_DDR) Port G Direction Register GPIO 15-17
(MPG_DR) Port G Data Register GPIO 15-20
(MPG_PER) Port G Peripheral Enables Register
GPIO 15-13
(MPG_PUE) Port G Pull-Up Enable Register GPIO 15-24
(MPH_DDR) Port H Direction Register GPIO 15-17
(MPH_DR) Port H Data Register GPIO 15-21
(MPH_PER) Port H Peripheral Enables Register
GPIO 15-13
(MPH_PUE) Port H Pull-Up Enable Register GPIO 15-25
(RLS) Receive Last Slot ESSI 12-64
(RSMA, RSMB) Receive Slot Mask Registers 12-58
(RX) Receive Data ESSI 12-64
(RXD) Receive Data 10-4
(RXFIFO) Receive FIFO Register 12-29
(RXH, RXL) Receive Byte Registers Host Side HI8 16-27
(RXSR) Receive Shift Register 12-30
(SCD1) SIM Software Control Data 1 4-13
(SCD2) SIM Software Control Data 2 4-13
(SCICR) Control Register 10-23
(SCICR2) Control Register 2 10-27
(SCIDR) Data Register 10-31
(SCISR) Status Register 10-28
(SCLK) Serial Clock 11-5
(SCR) Control Register SIM 4-9
(SCR) Timer Channel Status and Control Registers 13-14
(SCR2) Control Register 12-37
(SCR3) Control Register 12-43
(SCR4) Control Register 4 12-47
(SFCSR) FIFO Control/Status Register 12-54
(SPDRR) Data Receive Register 11-28
(SPDSCR) Data Size and Control Register 11-26
(SPDTR) Data Transmit Register 11-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com