Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 647 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 647 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 643Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 644Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 645Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 646Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 647Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 648Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 649Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 650Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 651Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 647 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
56F853/854/855/857/858 Digital Signal Controller User Manual, Rev. 4
B-145
Freescale Semiconductor
Preliminary
HI8
9 of 10
Bits
Name
Description
7 - 0
RXH
Receive Data High
This read-only register receives data from the High Byte of the HTX register. It is selected by
three external Host Address (HA2, HA1, and HA0) inputs during a Host Processor read
operation or by an on-chip address counter in DMA operations. The Receive Byte Registers
contain valid data when the Receive Data Register Full (RXDF) bit is set. The Host Processor
can program the RREQ bit to assert the external HREQ pin when the RXDF bit is set. This
informs the Host Processor or Host DMA controller of the Receive Byte Registers full condition.
Reading the Data Register at Host Address $7 clears the RXDF bit.
HI8 Receive Byte Registers (RXH, RXL)
HI8 Receive Byte
Registers
(RXH)
$1FFFD8 + $6/$7*
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
RXH
Write
Reset
0
00
000
00
00
00
00
00
denotes Reserved Bits
Bits
Name
Description
7 - 0
RXL
Receive Data Low
This read-only register receives data from the Low Byte of the HTX register. It is selected by
three external Host Address (HA2, HA1, and HA0) inputs during a Host Processor read
operation or by an on-chip address counter in DMA operations. The Receive Byte Registers
contain valid data when the Receive Data Register Full (RXDF) bit is set. The host processor
may program the RREQ bit to assert the external HREQ pin when the RXDF bit is set. This
informs the Host Processor or Host DMA controller of the Receive Byte Registers full condition.
Reading the data register at Host Address $7 clears the RXDF bit.
HI8 Receive Byte
Registers
(RXL)
Base + $7/$6*
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
RXL
Write
Reset
00
00
00
00
00
0
00
00
0
* Depends on HLEND setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com