Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 645 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 645 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 641Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 642Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 643Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 644Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 645Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 646Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 647Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 648Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 649Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 645 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
56F853/854/855/857/858 Digital Signal Controller User Manual, Rev. 4
B-143
Freescale Semiconductor
Preliminary
HI8
HI8 Interface Status Register (ISR)
7 of 10
HI8 Interface
Status Register
(ISR)
$1FFFD8 + $2
Bits
7
6
5
4
3
2
1
0
Read
HREQ DMA
0
HF3
HF2
TRDY TXDE RXDF
Write
0
Reset
00
000
0
1
0
Bits
Name
Description
7
HREQ
Host Request
This bit indicates the status of the external Host Request (HREQ) output pin if the HRMS bit is
cleared; or the external Host Transmit Receive Request (HTRQ) output pins, and HRRQ
respectively, if HRMS is set. When the HREQ status bit is cleared, it indicates the Host Request
pin, HREQ or HTRR, HTRQ and HRRQ, are deasserted and either host processor interrupts or
host DMA transfers are being requested.
6
DMA
Host DMA Status
The DMA status bit (DMA) indicates that the host processor has enabled the DMA mode of the
HI8 (HM1 or HM0 =1). When the DMA status bit is clear, it indicates that the DMA mode is
disabled by the Host mode bits (HM0 and HM1) in the Interface Control Register ICR and no
DMA operations are pending. When DMA is set, it indicates that the DMA mode is enabled and
the host processor should not use the active DMA channel (RXH:RXL or TXH:TXL depending
on DMA direction) to avoid conflicts with the DMA data transfers.
4
HF3
Host Flag 3
The Host Flag 3 (HF3) bit in the Interrupt Status Register indicates the state of Host Flag 3 in
the Host Control Register on the DSC side. The HF3 bit can only be changed by the DSC Side.
3
HF2
Host Flag 2
The Host Flag 2 (HF2) bit in the Interface Control Register (ISR) indicates the state of Host Flag
2 in the Host Control Register on the DSC side. The HF2 bit can only be changed by the DSC
Side.
2
TRDY
Transmitter Ready
This flag bit indicates TXH, TXL, and the HRX registers are empty. When the TRDY bit is set,
the data the host processor writes to the TXH and TXL registers is immediately transferred to
the DSC side of the HI8. The many applications can use this feature.
1
TXDE
Transmit Data Register Empty
This bit indicates the transmit byte registers (TXH, and TXL) are empty and can be written by
the host processor. TXDE is set when the transmit byte registers are transferred to the HRX
register. TXDE is cleared when the transmit (TXL or TXH according to HLEND bit) register is
written by the host processor. TXDE can be set by the host processor using the initialize feature.
0
RXDF
Receive Data Register Full
This flag bit indicates the receive byte registers (RXH and RXL) contain data from the DSC Side
and can be read by the host processor. The RXDF bit is set when the HTX is transferred to the
receive byte registers. RXDF is cleared when the receive data (RXL or RXH according to
HLEND bit) register is read by the host processor.
denotes Reserved Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com