Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 641 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 641 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 637Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 638Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 639Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 640Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 641Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 642Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 643Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 644Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 645Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 641 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
56F853/854/855/857/858 Digital Signal Controller User Manual, Rev. 4
B-139
Freescale Semiconductor
Preliminary
3 of
HI8
HI8 Transmit Data Register (HTX)
Bits
Name
Description
15 - 0
HTX
HI8 Transmit Data Register
The write-only HI8 Transmit Data (HTX) register is used for DSC-to-Host data transfers. Writing
to the HTX register clears the HTDE bit in the HSR. The device can program the HTIE bit
causing a Host Transmit Data interrupt when the HTDE bit is set. The HTX register is transferred
as 16-bit data to the receive byte registers RXH/RXL when both the HTDE bit on the DSC Side
and the RXDF status bits on the Host Side are cleared. This transfer operation sets both RXDF
and HTDE bits. Data should not be written to the HTX register until the HTDE bit is set to prevent
the previous data from being overwritten.
HI8 Transmit Data
Register (HTX)
$1FFFD8 + $2
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
Write
HIGH BYTE (FROM HRX)
LOW BYTE (FROM LRX)
Reset
0
00
000
00
00
00
00
10
denotes Reserved Bits
3 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com