Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 642 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 642 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 638Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 639Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 640Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 641Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 642Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 643Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 644Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 645Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 646Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 642 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-140
Preliminary
HI8
HI8 Receive Data Register (HRX)
Bits
Name
Description
15 - 0
HRX
HI8 Receive Data Register
The read-only HI8 Receive Data (HRX) register is used for Host-to-DSC data transfers. The
HRX register is loaded with 16-bit data from the transmit data registers TXH/TXL on the Host
Side when both the transmit data register empty TXDE on the Host Side, and DSC Host Receive
Data Full (HRDF) bits are cleared. This transfer operation sets TXDE and HRDF bits. The HRX
register contains valid data when the HRDF bit is set. Reading HRX clears HRDF. The DSC
may program the HRIE bit to cause a Host Receive Data interrupt when HRDF is set.
4 of 10
HI8 Receive Data
Register (HRX)
$1FFFD8 + $2
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
HIGH BYTE (FROM HTX)
LOW BYTE (FROM LTX)
Write
Reset
0
00
000
00
00
00
00
00
denotes Reserved Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com