Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 646 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 646 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 642Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 643Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 644Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 645Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 646Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 647Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 648Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 649Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 650Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 646 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-144
Preliminary
HI8
8 of 10
Bits
Name
Description
7 - 0
IV7 - IV0
Interrupt Vector
This read/write register typically containing the interrupt vector number used with MC68000
family processor vectored interrupts. Only the host processor can read and write this register.
The contents of IVR are placed on the Host data bus (H0–H7) when both HREQ and HACK pins
are asserted and Host DMA is not enabled. The contents of this register are initialized to a
pre-defined value by a hardware or software reset, corresponding to the uninitialized interrupt
vector in the MC68000 family.
HI8 Interrupt Vector Register (IVR)
HI8 Interrupt
Vector Register
(IVR)
$1FFFD8 + $3
Bits
7
6
5
4
3
2
1
0
Read
IV7
IV6
IV5
IV4
IV3
IV2
IV1
IV0
Write
Reset
0
000
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com