Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 648 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 648 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 644Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 645Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 646Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 647Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 648Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 649Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 650Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 651Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 652Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 648 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-146
Preliminary
HI8
10 of 10
Bits
Name
Description
7 - 0
TXH
Transmit Data High
This write-only register transmits data from the High Byte of the HRX register. It is selected by
three external Host Address (HA2, HA1, and HA0) inputs during a Host Processor write
operation or by an on-chip address counter in DMA operations. Data can be written into the
Transmit Data Registers when the TXDE bit is set. The Host Processor can program the TREQ
bit to assert the external HREQ pin when TXDE bit is set. This informs the Host Processor or
Host DMA controller the Transmit Byte Registers are empty. Writing the data register at Host
Address $7 clears the TXDE bit.
HI8 Transmit Byte Registers (TXH, TXL)
HI8 Transmit Byte
Registers
(TXH)
Base + $6/$7*
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
Write
TXH
Reset
0
00
000
00
00
00
00
00
Bits
Name
Description
7 - 0
TXL
Transmit Data Low
This write-only register transmits data from the Low Byte of the HRX register. It is selected by
three external Host Address (HA2, HA1, and HA0) inputs during a Host Processor write
operation or by an on-chip address counter in DMA operations. Data can be written into the
Transmit Data Registers when the TXDE bit is set. The Host Processor can program the TREQ
bit to assert the external HREQ pin when TXDE bit is set. This informs the Host Processor or
Host DMA controller the Transmit Byte Registers are empty. Writing the data register at Host
Address $7 clears the TXDE bit.
HI8 Transmit Byte
Registers
(TXL)
Base + $7/$6*
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
Write
TXL
Reset
00
000
00
00
00
00
000
denotes Reserved Bits
* Depends on HLEND setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com