Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 643 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 643 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 639Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 640Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 641Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 642Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 643Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 644Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 645Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 646Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 647Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 643 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
56F853/854/855/857/858 Digital Signal Controller User Manual, Rev. 4
B-141
Freescale Semiconductor
Preliminary
HI8
HI8 Interface Control Register (ICR)
Bits
Name
Description
7INIT
Initialize
The Initialize bit is used by the host processor to force initialization of the HI8 hardware.
6
HM1
Host Mode Control
5HM0
The Host mode control bits HM0 and HM1 select the Transfer mode of the HI8. HM1 and HM0
enable the DMA mode of operation, or they interrupt a no-Host DMA mode of operation when
HREQ bit in the Host Control Register (HCR) is set.
4
HF1
Host Flag 1
The Host Flag 1 (HF1) bit is used as a general purpose flag for Host-to-DSC communication.
The HF1 bit can be set or cleared by the host processor, but cannot be changed by the core.
The HF1 bit is cleared on DSC reset.
3
HF0
Host Flag 0
The Host Flag 0 (HF0) bit is used as a general purpose flag for Host-to-DSC communication.
The HF0 bit can be set or cleared by the host processor, but cannot be changed by the core.
The HF0 bit is cleared on DSC reset.
2
HLEND
ICR Host Little Endian
This bit allows the HI8 to be accessed by the Host in or Big Endian data order. When the HLEND
bit is set, the HI8 can be accessed by the Host in Little Endian order. The RXH/TXH is located
at address $7 and RXL/TXL at $6. When the HLEND bit is cleared, the HI8 can be accessed by
the Host in Big Endian Host data order. The RXH/TXH is located at address $6 and RXL/TXL
at $7. The HLEND bit is cleared on hardware reset.
1
TREQ
ICR Transmit Request Enable
This bit is used to control the HREQ pin for Host transmit data transfers. In the Interrupt mode,
and the DMA is off, TREQ is used to enable interrupt requests via the external Host Request
(HREQ or HTRQ) pin when the TXDE status bit in the ISR is set. When TREQ is cleared, TXDE
interrupt is disabled.
0
RREQ
Receive Request Enable
This bit is used to control the HREQ pin for Host receive data transfers. In the Interrupt mode
(HDMA off), the RREQ is used to enable interrupt requests via the external Host Request
(HREQ or HRRQ) pin when the Receive Data Register Full (RXDF) status bit in the Interrupt
Status register (ISR) is set. When RREQ is cleared, RXDF interrupts are disabled. When RREQ
is set, the external Host Request HREQ pin or HRRQ is asserted if RXDF is set in interrupt
mode.
5 of 10
HI8 Interface
Control Register
(ICR)
$1FFFD8 + $0
Bits
7
6
5
4
3
2
1
0
Read
INIT
HM1
HM0
HF1
HF0 HLEND TREQ RREQ
Write
Reset
00
000
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com