Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 639 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 639 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 635Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 636Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 637Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 638Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 639Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 640Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 641Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 642Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 643Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 639 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
56F853/854/855/857/858 Digital Signal Controller User Manual, Rev. 4
B-137
Freescale Semiconductor
Preliminary
1 of 10
Bits
Name
Description
8
HRMS
Host Request Mode Select
The Host mode Select (HRMS) bit controls the host request pins
7
HDDS
Host Dual Data Strobe
When the Host Dual Data Strobe (HDDS) bit is set, the HI8 operates in the Dual Data Strobe
Bus mode; a host bus with separated read and write data strobes. When cleared, the HI8
operates in the Single Strobe Bus mode, i.e. a Host bus with a single Data Strobe signal.
6
TDMAEN
DSC Side Transmit DMA Enable
The TDMAEN bit is used to enable DSC side Transmit DMA operations. When set, the on-chip
DMA controller handles transferring data between the HTX register and DSC memory. The
on-chip DMA controller must be appropriately configured to implement the desired data transfer.
5
RDMAEN
DSC Side Receive DMA Enable
The RDMAEN bit is used to enable DSC side Receive DMA operations. When set, the on-chip
DMA controller handles transferring data between the HRX register and DSC memory. The
on-chip DMA controller must be appropriately configured to implement the desired data transfer.
4
HF2
Host Flags 2 and 3
3HF3
The Host Flag 2 and Host Flag 3 (HF2 and HF3) bits are used as general purpose flags for
DSC-to-Host communication. HF2 and HF3 may be set or cleared by the core. HF2 and HF3
are reflected in the Interrupt Status Register (ISR) on the Host Side if they are modified by the
software, the host processor can read the modified values by reading the ISR.
2
HCIE
Host Command Interrupt Enable
The HCIE bit is used to enable a core interrupt when the HCP status bit in the HSR is set. When
cleared, HCP interrupts are disabled. When set, a Host Command Interrupt request occurs if
HCP is set. The interrupt address is determined by the Host Command Vector Register. Cleared
on hardware reset.
1
HTIE
Host Transmit Interrupt Enable
The HTIE bit is used to enable a core interrupt when the Host Transmit Data Empty status bit in
the HSR is set. When cleared, HTDE interrupts are disabled. When set, a Host Transmit Data
Interrupt request occurs when the HTDE bit is set. It is cleared on hardware reset.
0
HRIE
Host Receive Interrupt Enable
The HRIE bit is used to enable a core interrupt when the Host Receive Data Full (HRDF) status
bit in the Host Status Register (HSR) is set. When cleared, HRDF interrupts are disabled. When
set, a Host Receive Data Interrupt request occurs if the HRDF bit is also set. It is cleared on
hardware reset.
HI8 Host Control
Register (HCR)
$1FFFD8 + $0
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
HRMS HDDS TDMAEN RDMAEN HF3 HF2 HCIE HTIE HRIE
Write
0
0
0
0
0
0
0
Reset
0
00
000
00
0
0
0
0
0
0
0
0
HI8 Host Control Register (HCR)
HI8
denotes Reserved Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com