Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 640 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 640 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 636Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 637Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 638Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 639Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 640Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 641Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 642Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 643Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 644Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 640 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-138
Preliminary
2 of 10
HI8
HI8 Status Register (HSR)
Bits
Name
Description
5
HDMA
Host DMA Status
The Host DMA Status (HDMA) bit indicates the host processor has enabled the Host DMA mode
of the HI8 by setting HM1 or HM0 to 1. When the HDMA status bit is set at 0, it indicates the
Host DMA mode is disabled by the Host mode bits HM0 and HM1, both having been cleared, in
the Interface Control Register ICR and no Host DMA operations are pending. When the HDMA
status bit is set, the Host DMA mode is enabled by the Host mode bits HM0 and HM1. The
transmit or receive channel not in use can be used by the Host for polled or interrupt operation
by the device. HDMA is cleared by a DSC reset.
4
HF1
Host Flags 0 and 1
3HF0
The Host Flag 0-1 (HF0 and HF1) bits are used as a general purpose flags for Host-to-DSC
communication. The HF0 and HF1 bits can be set or cleared by the Host. These bits reflect the
status of Host Flags HF0 and HF1 in the Interface Control Register (ICR) on the Host Side.
2
HCP
Host Command Pending
The Host Command Pending (HCP) flag bit reflects the status of the HC bit in the Command
Vector Register (CVR), indicating a Host Command Interrupt is pending. The HCP bit is set
when the HC bit is set, and both bits are cleared by the HI8 hardware when the interrupt request
is serviced by the core. The Host can also clear the HC bit, thereby clearing the HCP bit as well.
The HCP bit is cleared on hardware reset.
1
HTDE
Host Transmit Data Empty
The Host Transmit Data Empty (HTDE) flag bit indicates the Host Transmit Data (HTX) register
is empty and can be written by the core. The HTDE bit is set when the HTX register is
transferred to the RXH/RXL registers, and cleared when Host Transfer Date (HTX) is written by
the core. When the HTDE bit is set, the HI8 generates a Transmit Data Full DMA request. HTDE
can also be set by the host processor using the initialize function. The HTDE bit is set on
hardware reset.
0
HRDF
Host Receive Data Full
The Host Receive Data Full (HRDF) flag bit indicates the Host Receive Data (HRX) register
contains data from the host processor. The HRDF bit is set when data is transferred from the
TXH/TXL registers to the Host Receive Data (HRX) register. The HRDF bit is cleared when the
HRX register is read by the core. When the HRDF bit is set, the HI8 generates a receive data
full DMA request. The HRDF bit can also be cleared by the host processor using the initialize
function. The HRDF bit is cleared on hardware reset.
HI8 Host Status
Register (HSR)
$1FFFD8 + $1
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
HDMA HF1
HF0
HCP HTDE HRDF
Write
0
0
0
0
0
0
0
0
0
0
Reset
0
00
000
00
00
00
00
10
denotes Reserved Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com