Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 653 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 653 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 649Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 650Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 651Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 652Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 653Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 654Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 655Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 656Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 657Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 653 / 662 page
background image
Index, Rev. 4
Freescale Semiconductors
Index - iii
Controller Block Diagram 9-7
COP A-4
COP/RTI A-4
COP/Watchdog Timer Module 1-32
COPCTL A-4
COPDIS A-4
COPR A-4
COPSRV A-5
COPTO A-5
Core Interrupts HI8 16-16
Count Mode TMR 13-6
Counting Mode Definitions 14-7
Counting Modes of Definitions TMR 13-5
CPHA A-5
CPOL A-5
CPU A-5
CRC A-5
CSEN A-5
CTRL A-5
CTRL PD A-5
CWEN A-5
CWP A-5
D
DAC A-5
DAT A-5
Data Frame Format SCI 10-6
DATA PD A-5
Data Register Access GPIO 15-25
Data Shift Ordering SPI 11-11
Data SRAM 1-25
Data Transfer HI8 Host Processor 16-30
Data Transmission Length SPI 11-11
DDA A-5
DDR A-5
DEC A-5
DEE A-5
DFIU A-5
DFLASH A-5
DIRQ A-5
DMA
Circular Queue Size (DMACQS) 9-10
Controller Block Diagram 9-7
Features 9-3
Memory-to-Memory DMA Operation 9-14
Mode Operation Host Side HI8 16-32
Peripheral-to-Memory Circular Queue DMA
Operation 9-15
Peripheral-to-Memory DMA Operation 9-13
Programming Examples 9-13
Register Descriptions 9-8
Register Maps 9-5
Signal Description 9-3
Source Address High (DMASAH) 9-12
Source Address Low (DAMSAL) 9-12
Transfer Control (DMATC) 9-8
Transfer Count (DMACNT) 9-11
DPE A-6
DR A-6
DRV A-6
DSO A-6
DSP A-6
DSP56853 Peripheral Blocks 1-26
DSP56854 Peripheral Blocks 1-26
DSP56855 Peripheral Blocks 1-27
DSP56857 Peripheral Blocks 1-27
DSP56858 Peripheral Blocks 1-28
DSP5685x Memory Maps 3-6
E
EDG A-6
Edge Count Mode TMR 13-6
EE A-6
EEOF A-6
EM A-6
EMI (External Memory Interface) 1-28
EN A-6
ENCR A-6
Enhanced On-Chip Emulation (EOnCE) 1-33
Enhanced On-Chip Emulation (EOnCE) Module 1-21
Enhanced Synchronour Serial Interface (ESSI) 1-30
EOnCE Enhanced On-Chip Emulation Module) 1-21
EOSI A-6
EOSIE A-6
ERASE A-6
ERRIE A-6
Error Conditions SPI 11-17
ESSI
Block Diagram 12-8
Clock and Frame Sync Generation 12-60
Clock Operation Description 12-60
Clocks 12-59
Configurations 12-23
Control Register 2 (SCR2) 12-37
Control Register 3 (SCR3) 12-43
Control Register 4 (SCR4) 12-47
External Signals Descriptions 12-4
Features 12-3
FIFO Control/Status Register (SFCSR) 12-54
Fucntional Description 12-10
Interrupt Operation Description 12-63
Interrupts 12-63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com