Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 655 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 655 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 651Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 652Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 653Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 654Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 655Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 656Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 657Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 658Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 659Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 655 / 662 page
background image
Index, Rev. 4
Freescale Semiconductors
Index - v
Port H Pull-Up Enable Register (MPH_PUE) 15-25
Register Descriptions 15-5
Register Map GPIO A 15-5
Register Map GPIO B 15-6
Register Map GPIO C 15-6
Register Map GPIO D 15-7
Register Map GPIO E 15-7
Register Map GPIO F 15-8
Register Map GPIO G 15-8
, 15-9
Resets 15-26
GPR A-7
H
Harvard architecture A-7
HBO A-7
HI8
Block Diagram 16-7
DSC Core Interrupts 16-16
DSC Side Features 16-3
DSC Side HI8 Control Register (HCR) 16-10
DSC Side HI8 Receive Data Register (HRX) 16-15
DSC Side HI8 Register Descriptions 16-8
DSC Side HI8 Status Register (HSR) 16-13
DSC Side HI8 Transmit Data Register (HTX) 16-15
DSC Side Registers After Reset 16-15
Features 16-3
Host Port 16-5
Host Port Use Considerations 16-35
Host Processor Data Transfer 16-30
Host Side Command Vector Register (CVR) 16-23
Host Side DMA Mode Operation 16-32
Host Side Features 16-4
Host Side HI8 Register Descriptions 16-9
Host Side Interface Control Register (ICR) 16-18
Host Side Interface Status Register (ISR) 16-24
Host Side Interrupt Vector Register (IVR) 16-26
Host Side Polling 16-30
Host Side Receive Byte Registers (RXH, RXL) 16-27
Host Side Registers 16-17
Host Side Registers After Reset 16-29
Host Side Transmit Byte Registers (TXH, TXL) 16-28
Servicing Interrupts Host Side 16-31
Servicing the Host Interface 16-24
Signal Desctiptions 16-5
HLMTI A-7
HLMTIE A-7
HOLD A-7
HOME A-7
Host Control Interrupt Vector ITCN 8-35
Host Port HI8 16-5
Host Side Registers HI8 16-17
Host Side Servicing Interrupts HI8 16-31
I
I/O A-8
IA A-8
IC A-8
IE A-8
IEE A-8
IEF A-8
IEFIE A-8
IENR A-8
IES A-8
IFREN A-8
IMR A-8
INDEP A-8
INDEX A-8
INPUT A-8
Interface Signals SIM 4-6
Interrupt Handshake Timing ITCN 8-36
Interrupt Operation Description ESSI 12-63
Interrupt Vectors 3-19
INV A-8
IP A-8
IPBus A-8
IPBus Bridge 1-22
IPE A-8
IPOL A-8
IPOLR A-8
IPR A-8
IPS A-9
IRQ A-9
IS A-9
ISSI
External Frame Sync Setup 12-65
Maximum External Clock Rate 12-65
ITCN A-9
After Reset 8-36
Block Diagram 8-7
Fast Interrupt 1 Vector Address High Register
(FIVAH1) 8-28
Fast Interrupt 1 Vector Address Low Register
(FIVAL1) 8-28
Fast Interrupt Match Registers (FIM0, FIM1) 8-26
Fast Interrupt Vector Address Registers (FIVAL0,
FIVAH0, FIVAL1, FIVAH1) 8-27
Features 8-4
Functional Description 8-7
Host Control Interrupt Vector 8-35
Interrupt Control Register (ICTL) 8-30
Interrupt Handshake Timing 8-36
Interrupt Nesting 8-37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com