Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 171 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 171 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 167Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 168Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 169Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 170Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 171Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 172Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 173Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 174Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 175Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 662 page
background image
Features
Power-On Reset (POR) and Computer Operating Properly (COP), Rev. 4
Freescale Semiconductor
7-3
7.1 Introduction
The Power-on Reset (POR) function monitors the core power supply, the I/O, and analog power
supply. If either of those power supplies are below their thresholds, the POR output for each
respective supply is held high. Once the power supply goes above the thresholds, the POR
outputs are held low.
Computer Operating Properly (COP) is also discussed in this chapter as it relates to resets.
7.2 Features
•
The circuit monitors both the core power supply and peripheral power supply
•
Holds a wide chip reset once either of these supply voltages are below the thresholds
•
Generates the address of the Reset Vector provided to the core after exit Reset
•
The address of Reset Vector (same as the COP Reset) is located at $1F0000
The COP module design features include:
•
Programmable time-out period = (COP_PRESCALER
× (CT + 1)) oscillator clock cycles,
where CT can be from $0000 to $FFFF
•
Programmable Wait and Stop mode operations
•
COP timer is disabled while host CPU is in Debug mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com