Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 172 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 172 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 168Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 169Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 170Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 171Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 172Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 173Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 174Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 175Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 176Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 662 page
background image
Block Diagram
5685X Digital Signal Controller User Manual, Rev. 4
7-4
Freescale Semiconductor
7.3 Block Diagram
Figure 7-1. POR Module Block Diagram
7.4 Method of Operation
Starting with the chip unpowered, the analog and digital power supplies turned on, the bandgap
voltage reference and the comparators will begin to function. The bandgap voltage reference will
apply a temperature and supply stable voltage reference to the positive inputs of the comparators.
Negative inputs of the comparators are connected to voltage points that move proportionately
with respect to the analog and digital power supplies.
Initially, the bandgap voltage reference point is greater than the power supply reference signals
and the output of the comparators is high. As each power supply goes above it’s trip point, the
voltage on the respective comparators negative input will become higher in value than the
bandgap voltage reference voltage on the positive input to the comparator and the output of the
comparator will go low. If either power supply drops below the trip point the respective POR
output will again go high.
For the analog power supply, the POR trip point is:
Absolute Minimum
Nominal
Absolute Maximum
2.8V
2.85V
2.9V
+
–
Bandgap
Voltage
Reference
-
+
Voltage
Level
Shifter
Voltage
Level
Shifter
Analog Power
GND
Digital Power
GND
POR_1.8
POR_3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com