Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 176 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 176 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 172Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 173Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 174Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 175Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 176Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 177Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 178Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 179Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 180Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 662 page
background image
Register Descriptions (COP_BASE = $1FFFD0)
5685X Digital Signal Controller User Manual, Rev. 4
7-8
Freescale Semiconductor
7.9 Register Descriptions (COP_BASE = $1FFFD0)
7.9.1 COP Control Register (COPCTL)
Figure 7-4. COP Control Register (COPCTL)
See Programmer’s Sheet on Appendix page B-18
7.9.1.1 Reserved—Bits 15–5
This bit field is reserved or not implemented. Each bit in the field is read as 0 and cannot be
modified by writing.
7.9.1.2 Bypass (BYPS)—Bit 4
This bit is intended for factory use only. Setting this bit allows testing time of the COP to be
accelerated by routing the IPBus clock to the counter instead of the OSCCLK. This bit should not
be set during normal operation of the chip. If this bit is used, however, it should only be changed
while the CEN bit is set to 0.
•
0 = Counter uses OSCCLK (default)
•
1 = Counter uses IPBus clock
7.9.1.3 COP Stop Mode Enable (CSEN)—Bit 3
This bit controls the operation of the COP counter in the Stop mode. This bit can only be changed
when the CWP bit is set to 0.
•
0 = COP counter will stop in the Stop mode (default)
•
1 = COP counter will run in the Stop mode if CEN is set to 1
7.9.1.4 COP Wait Mode Enable (CWEN)—Bit 2
This bit controls the operation of the COP counter in the Wait mode. This bit can only be changed
when the CWP bit is set to 0.
•
0 = COP counter will stop in the Wait mode (default)
•
1 = COP counter will run in the Wait mode if CEN is set to 1
Base + $0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
0
BYPS CSEN CWEN CEN
CWP
Write
Reset
000
0
0
000
000
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com