Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 178 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 178 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 174Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 175Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 176Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 177Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 178Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 179Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 180Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 181Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 182Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 662 page
background image
Clocks
5685X Digital Signal Controller User Manual, Rev. 4
7-10
Freescale Semiconductor
7.9.3 COP Counter Register (COPCTR)
Figure 7-6. COP Counter Register (COPCTR)
See Programmer’s Sheet on Appendix page B-20
7.9.3.1 COP Count (COUNT)—Bits 15–0
This is the current value of the COP counter as it counts down from the time-out value to zero. A
reset is issued when this count reaches zero.
7.9.3.2 COP Service (SERVICE)—Bits 15–0
When enabled, the COP requires a service sequence be performed periodically in order to clear
the COP counter and prevent a reset from being issued. This routine consists of writing $5555 to
the COPCTR followed by writing $AAAA before the time-out period expires. The writes to
COPCTR must be performed in the correct order, but any number of other instructions, and
writes to other registers, may be executed between the two writes.
7.10 Clocks
The COP timer base is the oscillator clock divided by a fixed prescalar value. The prescalar
divisor for this chip is 128. All register timing is with regard to the IPBus clock.
7.11 Resets
Any system reset forces all registers to their reset state, clearing the RST signal when it is
asserted. The counter will be loaded with its maximum value of $FFFF, but it will not start when
Reset is released because the CEN bit is disabled by default.
7.12 Interrupts
The COP module does not generate any interrupts. It does generate the RST signal when the
counter reaches a value of $0000, causing a chip wide reset.
Base + $2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
COUNT
Write
SERVICE
Reset
1
1111
11111
11111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com