Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 182 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 182 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 178Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 179Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 180Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 181Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 182Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 183Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 184Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 185Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 186Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 662 page
background image
Features
5685X Digital Signal Controller User Manual, Rev. 4
8-4
Freescale Semiconductor
The Vector Table is structured as two words per vector. This implies the Interrupt Vector offset,
added to the Vector Base Address, will be the vector number multiplied-by two. If the first
instruction of an interrupt vector is a JSR or BSR, the core assumes a standard long interrupt.
This is the normal case.
The core then saves the status register and program counter and vectors to the address pointed to
by the JSR. The interrupt is cleared by executing the return from interrupt instruction (RTI or
RTID) at the end of the interrupt service routine.
The interrupt controller can also support up to two fast interrupts. There are four programmable
registers in the controller, two for each fast interrupt, allowing set-up of a vector number to be
configured as a fast interrupt, and a 21-bit absolute vector address pointing to the interrupt
service routine.
When the Fast Interrupt Vector Number register is programmed, the interrupt controller will
intercept the normal vector table processing and insert the absolute address into the core via the
VAB bus. As long as the first instruction of the interrupt service routine is not a JSR or a BSR,
the core will interpret the interrupt as a fast interrupt and begin inserting the code into the
pipeline until a Fast Return from Interrupt (FRTID) is executed. The interrupt priority must be set
to level two for the fast interrupt to operate properly. Further, there can not be a JSR or BSR as
the first instruction of the fast interrupt service routine. The return from interrupt must use the
Fast Return from Interrupt (FRTID) instruction to clear the interrupt.
Reset is considered to be the highest priority interrupt and will take precedence over all other
interrupts. If the Reset pin is pulled low the interrupt controller will generate a reset vector
address for the core and assert the re-signal in the core.
8.2 Features
The ITCN module design includes these capabilities:
•
Programmable priority levels for each IRQ
•
Two programmable Fast Interrupts
•
Notification to SIM module to restart clocks out of Wait and Stop modes
8.3 Signal Description
The ITCN module interfaces with the IPBus, the 56800E core, and the IRQ sources. There are no
chip outputs driven directly by this module, but the IRQA and IRQB chip inputs do come to the
ITCN where they are re-synchronized to the system clock before use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com