Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 181 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 181 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 177Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 178Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 179Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 180Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 181Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 182Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 183Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 184Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 185Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 662 page
background image
Introduction
Overview, Rev. 4
Freescale Semiconductor
8-3
8.1 Introduction
The Interrupt Controller (ITCN) is responsible for arbitrating all interrupt requests according to
the priority level of the each request. This includes all external interrupt sources, such as IRQA,
IRQB, and so on, peripheral generated interrupt requests and core generated interrupt requests.
After arbitration, the interrupt controller will compare the priority of the current interrupt request
with the current priority level of the core and if the request has higher priority to generate a
single enabled interrupt request signal to the core.
There are five levels of interrupt priority provided by the 56800E core, illustrated in Table 8-1:
1. LP = the lowest level is generated by the SWILP instruction
2. Level 0 = maskable with the lowest priority of the three maskable interrupts
3. Level 1 = maskable
4. Level 2 = maskable
5. Level 3 = the highest priority is a non-maskable interrupt
Device interrupt priority levels are programmable via the Interrupt Priority Register (IPR).
The interrupt controller is also responsible for generating the vector address of the current
interrupt request. This is based on the Vector Address Base (VAB) register and the event
initiating the request. The interrupt controller predefines the Vector Table offsets for all possible
interrupt sources and will generate the Vector Address of the request by adding the
programmable VAB register to the Vector Table offset.
External interrupt sources such as IRQA and IRQB are programmable to either level sensitive or
edge triggered. Level sensitive interrupts remain active as long as the input remains low and are
cleared when the input level goes high. The edge sensitive interrupts are latched as pending on
the high-to-low transition of the interrupt input and are cleared when the interrupt is serviced.
Table 8-1. Interrupt Priority Level
IPL
Description
Priority
Interrupt Sources
LP
Maskable
Lowest
SWILP instruction
0
Maskable
—
On-chip peripherals, IRQA and IRQB,
SWI #0 instruction
1
Maskable
—
On-chip peripherals, IRQA and IRQB,
SWI #1 instruction, EOnCE interrupts
2
Maskable
—
On-chip peripherals, IRQA and IRQB,
SWI #2 instruction, EOnCE interrupts
3
Non-maskable
Highest
Illegal instruction, HWS overflow,
SWI #3 instruction, EOnCE interrupts,
Misaligned data access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com